Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-RMS Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # EB-RMS
Description  AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EB-RMS Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  EB-RMS Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. EB-RMS Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Functional Specifications
(TA = +25°C, VCC = +5V)
Ordering Information
DMS-EB-RMS-C AC-to-RMS conversion board
DMS-BZL1-C
Bezel assembly
DMS-BZL2-C
Bezel assembly with sealing gasket
Figure 2. DMS-EB-RMS Board
Vac Measurement Range:
±200mV meters
0 to 199.9Vac
±2V meters
0 to 750Vac
Conversion Accuracy:
0-200Vac
±0.5%
0-750Vac
±2%
Crest Factors
3, maximum
Input Frequency Range
40Hz to 2kHz
Primary Operating Power
+5V (±5%)
Current Consumption (Board only)
+0.5mA typ., +1mA max.
Operating Temperature Range
0 to +60°C
Storage Temperature Range
–20 to +75°C
Humidity
0 to 95%, non-condensing
Dimensions
2.02" (51.31mm)W x 0.83" (21.08mm)H
DMS-EB-RMS
AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
12/15/08
MPM_DMS-EB-RMS.B01 Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com