Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPQ-3.3/50-D48PBY Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # HPQ-3.3/50-D48PBY
Description  Isolated High Power Quarter Brick DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HPQ-3.3/50-D48PBY Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button HPQ-3.3/50-D48PBY Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Figure 4. Driving the Remote On/Off Control Pin
temperature (See Performance Specifications), a precision temperature sensor
will power down the unit. When the internal temperature decreases below the
threshold of the temperature sensor, the unit will self start.
Output Overvoltage Protection
The output voltage is monitored for an overvoltage condition via magnetic coupling
to the primary side. If the output voltage rises to a fault condition, which could be
damaging to the load circuitry (see Performance Specifications), the sensing cir-
cuitry will power down the PWM controller causing the output voltage to decrease.
Following a time-out period the PWM will restart, causing the output voltage to
ramp to its appropriate value. If the fault condition persists, and the output volt-
ages again climb to excessive levels, the overvoltage circuitry will initiate another
shutdown cycle. This on/off cycling is referred to as “hiccup” mode.
Input Reverse-Polarity Protection
If the input-voltage polarity is accidentally reversed, an internal diode will be-
come forward biased and likely draw excessive current from the power source.
If the source is not current limited or the circuit appropriately fused, it could
cause permanent damage to the converter.
Input Fusing
Certain applications and/or safety agencies may require the installation of
fuses at the inputs of power conversion components. Fuses should also be
used if the possibility of a sustained, non-current-limited, input-voltage polarity
reversal exists. For these converters, slow-blow fuses are recommended with
values no greater than twice the maximum input current.
Trimming Output Voltage
These converters have a trim capability that enables users to adjust the output
voltage over a limited range (refer to the trim equations). Adjustments to the out-
put voltage can be accomplished with a single fixed resistor as shown in Figures
5 and 6. A single fixed resistor can increase or decrease the output voltage
depending on its connection. Resistors should be located close to the converter
and have TCR’s less than 100ppm/°C to minimize sensitivity to changes in
temperature. If the trim function is not used, leave the trim pin open.
Standard units have a “positive trim” where a single resistor connected from
the Trim pin to the +Sense will increase the output voltage. A resistor con-
nected from the Trim Pin to the –Sense will decrease the output voltage.
Trim adjustments greater than the specified trim range can have an adverse
affect on the converter’s performance and are not recommended. Excessive
voltage differences between VOUT and Sense, in conjunction with trim adjust-
ment of the output voltage, can cause the overvoltage protection circuitry to
activate (see Performance Specifications for overvoltage limits).
Temperature/power derating is based on maximum output current and voltage
at the converter’s output pins. Use of the trim and sense functions can cause
output voltages to increase, thereby increasing output power beyond the
converter’s specified rating, or cause output voltages to climb into the output
overvoltage region. Therefore:
(VOUT at pins) x (IOUT)
d rated output power
The Trim pin is a relatively high impedance node that can be susceptible to
noise pickup when connected to long conductors in noisy environments.
Sense Input
Note: The sense and VOUT lines are internally connected through low-value re-
sistors. Nevertheless, if sense is not used for remote regulation, the user
must
connect + sense to + VOUT and -sense to -VOUT at the converter pins. Sense is
intended to correct small output accuracy errors caused by the resistive ohmic
drop in output wiring as output current increases. This output drop (the differ-
ence between Sense and VOUT when measured at the converter) should not be
allowed to exceed 0.5V.
Sense is connected at the load and corrects for resistive errors only. Be careful
where it is connected. Any long, distributed wiring and/or significant inductance
introduced into the Sense control loop can adversely affect overall system stabil-
ity. If in doubt, test the application, and observe the DC/DC’s output transient
response during step loads. There should be no appreciable ringing or oscilla-
tion. You may also adjust the output trim slightly to compensate for voltage loss
in any external filter elements. Do not exceed maximum power ratings.
Current Limiting
When power demands from the output falls within the current limit inception
range for the rated output current, the DC/DC converter will go into a current
limiting mode. In this condition the output voltage will decrease proportionately
with increases in output current, thereby maintaining a somewhat constant power
dissipation. This is commonly referred to as power limiting. Current limit inception
is defined as the point where the full-power output voltage falls below the specified
tolerance. If the load current being drawn from the converter is significant enough,
the unit will go into a short circuit condition. See “Short Circuit Condition.”
Short Circuit Condition
When a converter is in current limit mode the output voltages will drop as the
output current demand increases. If the output voltage drops too low, the mag-
netically coupled voltage used to develop primary side voltages will also drop,
thereby shutting down the PWM controller. Following the specified time-out
period, the PWM will restart, causing the output voltages to begin ramping to their
appropriate values. If the short-circuit condition persists, another shutdown
cycle will be initiated. This on/off cycling is referred to as “hiccup” mode. The
hiccup cycling reduces the average output current, thereby preventing internal
temperatures from rising to excessive levels. This converter is capable of
enduring an indefinite short circuit output condition.
Thermal Shutdown
These converters are equipped with thermal-shutdown circuitry. If the internal
temperature of the DC/DC converter rises above the designed operating
HPQ Series
Isolated High Power Quarter Brick DC/DC Converters
MDC_HPQ Series.A07 Page 7 of 10
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com