Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPQ-3.3/50-D48PBY Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # HPQ-3.3/50-D48PBY
Description  Isolated High Power Quarter Brick DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HPQ-3.3/50-D48PBY Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button HPQ-3.3/50-D48PBY Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. HPQ-3.3/50-D48PBY Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TYPICAL PERFORMANCE CURVES
HPQ-3.3/50-D48
Efficiency vs Line Voltage and Load Current @ +25°C
HPQ-3.3/50-D48
Maximum Current Temperature Derating
(Vin=48V, no baseplate, longitudinal air flow)
65
70
75
80
85
90
95
5
1015
20253035
404550
Load Current (Amps)
2
4
6
8
10
12
14
16
18
20
22
24
VIN = 36 V
VIN = 48 V
VIN = 75 V
Power Dissipation
VIN = 48 V
10
15
20
25
30
35
40
45
50
30
40
50
60
70
80
Ambient Temperature (°C)
100 LFM
200 LFM
300 LFM
400 LFM
LOAD
RTRIM UP
+OUTPUT
–INPUT
+INPUT
ON/OFF
CONTROL
TRIM
+SENSE
–OUTPUT
–SENSE
4
5
1
3
6
8
7
2
Figure 5. Trim Connections To Increase Output Voltages Using Fixed Resistors
LOAD
RTRIM DOWN
+OUTPUT
–INPUT
+INPUT
ON/OFF
CONTROL
TRIM
+SENSE
–OUTPUT
–SENSE
4
5
1
3
6
8
7
2
Figure 6. Trim Connections To Decrease Output Voltages Using Fixed Resistors
UP
1.225x¨
RT (k ) =
–
16.863(1+¨)
where ¨ is the absolute value of
(¨ is always positive)
¨
5.11
–10.22
–10.22
¨
5.11
RT
(k ) =
DOWN
HPQ-3.3/50-D48
3.3
3.3 - VOUT
()
Trim Up
Trim Down
HPQ Series
Isolated High Power Quarter Brick DC/DC Converters
MDC_HPQ Series.A07 Page 8 of 10
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com