Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1007C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 1007C
Description  Pulse Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

1007C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  1007C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 1007C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KMP_1000C_B02 Page 1 of 2
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
1000 Series
Pulse Transformers
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE1
Order
Code
Turns
Ratio
±2%
mH
Vμs
μH
pF
Ω
Ω
Ω
Vrms
1001C
1:1
3.0
200
22
23
1.2
1.0
-
2000
A
2
1002C
1:1:1
3.0
200
9
28
1.4
1.3
1.7
2000
B
1
1003C
2:1:1
12
400
35
30
4.0
1.8
2.4
2000
B
1
1007C
1:1:1
7.4
310
20
55
2.9
2.5
3.4
2000
B
1
1009C
1:1:1
22
550
85
18
10.6
8.9
12.2
2000
B
1
1013C
1:1:1
3.0
200
3
280
1.3
1.3
1.3
500VDC
B1
1016C
1:1
3.0
200
22
23
1.2
1.0
-
3500
A
2
1017C
1:1
0.8
130
4
20
0.4
0.3
-
4000
A
2
1024C 1.2CT:1CT
8.8
340
60
25
2.5
2.5
-
2000
C
1
1025C
2:1:1
24
570
70
20
7.5
3.5
4.5
2000
B
1
1026C
1:1:1
6.0
285
30
30
4.0
4.0
4.0
2000
B
1
1082C
100:1
6.1
280
-
6
0.7
0.1
-
2000
A
2
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
0°C to 70°C
Storage temperature range
-60°C to 125°C
SOLDERING INFORMATION1
Peak wave solder temperature
300˚C for 10 seconds
Pin finish
Matte tin
1 For further information, please visit www.murata-ps.com/rohs
All specifications typical at T
A
=25°C.
TUBE DIMENSIONS
FEATURES
RoHS compliant
UL 94V-0 Package Material
Isolation to 4kVrms
Compact Footprint
PCB Mounting
Backward compatible with
Sn/Pb soldering systems
DESCRIPTION
The 1000 series are intended for wideband and
pulse operations. They are also suitable for signal
isolation and use in small isolated power supplies.
The compact footprint makes them ideal for
applications where space is at a premium.
7.00
(0.276)
24.00 (0.945)
8.00 (0.315)
0.60±0.15 (0.024±0.006)
17.00
(0.669)
All dimensions in mm (inches).
Tube length: 480±2mm (18.9±0.08)
Tube quantity: 30


Similar Part No. - 1007C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
1007C MURATA-PS-1007C Datasheet
122Kb / 3P
Pulse Transformers
2022
More results

Similar Description - 1007C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1000 CANDD-1000 Datasheet
360Kb / 1P
Pulse Transformers
766 CANDD-766 Datasheet
302Kb / 2P
Pulse Transformers
786 CANDD-786 Datasheet
142Kb / 2P
Pulse Transformers
logo
Bel Fuse Inc.
S553-3855-01 BEL-S553-3855-01 Datasheet
55Kb / 1P
PULSE TRANSFORMERS
logo
List of Unclassifed Man...
612G ETC2-612G Datasheet
155Kb / 1P
PULSE TRANSFORMERS
76600-1 ETC2-76600-1 Datasheet
302Kb / 2P
Pulse Transformers
logo
TDK Electronics
TLA-7T201LF-T TDK-TLA-7T201LF-T Datasheet
412Kb / 34P
Pulse transformers
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
Pulse transformers
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
Pulse Transformers
772 MURATA-PS-772 Datasheet
206Kb / 3P
Pulse Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com