Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF55-R100-BT101 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # MF55-R100-BT101
Description  PRECISION METAL FILM RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

MF55-R100-BT101 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  MF55-R100-BT101 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Military-grade performance at commercial grade price!
RCD MF Series metal film resistors have been designed to meet or
surpass the performance levels of MIL-R-10509 characteristics D,
C, and E. The film is a nickel-chrome alloy, evaporated onto a high
grade substrate using a high vacuum process to ensure low TC’s
and superb stability. The resistors are coated or encased with a
high-temp epoxy to ensure utmost moisture and solvent protection.
Stringent controls are used in each step of production to ensure
‘built-in’ reliability and consistent quality. Resistors are available
with alpha-numeric or color band marking.
Wide resistance range: 1.0
Ω to 22.1 Meg
TC ±25 to ±100ppm standard, matching to 10ppm
Precision quality, excellent stability, low cost
Meets performance requirements of MIL-R-10509 and
EIA RS-460 (screening per Mil-PRF-55182 available)
Extremely low noise, reactance, voltage coefficient
Available on exclusive SWIFT TM delivery program!
All sizes available on Tape & Reel
PRECISION METAL FILM RESISTORS
MF SERIES
1 MIL type given for reference only and does not imply MIL qualification or exact interchangeability. 2 Rated voltage = (PR)1/2 or Max. Voltage Rating, whichever is less.
3 TC is measured at -20 to +85°C, referenced to 25°C. TC’s to 10ppm available.
* Data is representative of typical performance levels from 10
Ω−100K
(consult factory for performance data outside this range).
**To ensure utmost reliability, care should be taken to avoid potential sources
of ionic contamination.
1 Longer leads available
D
C
RL
I
MW
n
i
t
a
R
e
g
a
t
t
ag
m
u
m
i
x
a
MR
C
Te
g
n
a
R
e
c
n
a
t
s
i
s
e
R
d
r
a
d
n
a
t
S
e
p
y
TE
P
Y
T
1
C
°
0
7
@e
g
a
t
l
o
V
g
n
i
k
r
o
W
2
C
°
/
M
P
P
3
%
1%
1
.
,
%
5
2
.
,
%
5
.
0
5
F
M0
5
N
RW
8
/
1V
0
0
25
2
,
0
5
,
0
0
10
1
Ω
M
0
.
1
o
t
Ω
0
1
Ω
K
2
6
5
o
t
5
5
F
M5
5
N
RW
4
/
1V
0
5
2
0
5
,
0
0
10
.
1
Ω
M
1
.
2
2
o
t
Ω
0
1
Ω
M
2
.
1
o
t
Ω
5
20
1
Ω
M
0
.
1
o
t
Ω
0
1
Ω
M
2
.
1
o
t
Ω
0
6
F
M0
6
N
RW
2
/
1V
0
0
3
0
5
,
0
0
15
.
2
Ω
M
1
.
5
o
t
Ω
0
1
Ω
M
5
.
1
o
t
Ω
5
20
1
Ω
M
0
.
1
o
t
Ω
0
1
Ω
M
5
.
1
o
t
Ω
5
6
F
M5
6
N
RW
4
/
3V
0
5
3
0
5
,
0
0
10
1
Ω
M
0
1
o
t
Ω
0
2
Ω
M
1
.
5
o
t
Ω
5
20
2
Ω
M
1
.
5
o
t
Ω
0
2
Ω
M
1
.
5
o
t
Ω
0
7
F
M0
7
N
RW
1V
0
0
4
0
5
,
0
0
10
1
Ω
M
5
1
o
t
Ω
0
2
Ω
M
0
1
o
t
Ω
5
20
2
Ω
M
0
1
o
t
Ω
0
2
Ω
M
0
1
o
t
Ω
5
7
F
M5
7
N
RW
2V
0
0
5
0
5
,
0
0
10
2
Ω
M
5
1
o
t
Ω
0
2
Ω
M
0
1
o
t
Ω
5
20
2
Ω
M
0
1
o
t
Ω
0
2
Ω
M
0
1
o
t
Ω
OPTIONS
Custom marking, formed leads, matched sets, burn-in,
increased power/voltage/pulse capability, flameproof, etc.
→ D ←
← L →
← H 1 →
d
↓
↑
FA068C Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
30
50
70
90
110
130
150
170
190
DERATING
100
80
60
40
20
0
AMBIENT TEMPERATURE (°C)
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
62
P/N DESIGNATION:
Temperature Coefficient:
25= 25ppm, 50= 50ppm, 101= 100ppm
RCD Type
Packaging: B = Bulk, T = Tape & Reel
Tolerance Code: F= 1%, D= 0.5%, C= 0.25%, B= 0.1%
MF55
- 1002 -
B T 25 W
Resis. Code: 3 signif. digits & multiplier,
e.g. R100= 0.1
Ω, 1R00= 1Ω, 10R0=10Ω, 1000=100Ω,
1001=1K
,1002=10K,1003=100K,1004=1M,1005=10M
Option Code: assigned by RCD
(leave blank if standard)
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either
is acceptable, in which case RCD will select based on lowest
price and quickest delivery
RESISTORS CAPACITORS COILS DELAY LINES
PERFORMANCE CHARACTERISTICS*
)
C
°
5
2
@
r
e
w
o
p
v
i
u
q
e
l
i
M
ll
u
f
,
s
r
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
0
1
.
0
d
a
o
l
r
e
v
O
e
m
i
T
t
r
o
h
S
)
R
V
x
5
.
1
E
T
N
,
c
e
S
5
,
V
W
C
R
x
5
.
2
(
%
5
0
.
0
)
r
h
2
/
1
,
s
e
l
c
y
c
5
,
C
°
5
8
+
o
t
5
5
-
(
g
n
il
c
y
C
.
p
m
e
T%
0
1
.
0
)
6
0
1
.
M
,
2
0
2
-
D
T
S
-
L
I
M
(
*
*
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
0
1
.
0
)
c
e
S
0
1
,
C
°
0
6
2
(
r
e
d
l
o
S
f
o
t
c
e
f
f
E%
2
0
.
0
)
r
h
1
,
°
5
6
-
(
n
o
i
t
a
r
e
p
O
e
r
u
t
a
r
e
p
m
e
T
w
o
L%
2
0
.
0
)
2
8
1
5
5
-
F
R
P
-
L
I
M
r
e
p
(
n
o
i
t
a
r
b
i
V
,
k
c
o
h
S%
1
0
.
0
)
e
l
b
a
l
i
a
v
a
V
K
1
o
t
p
u
(
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D)
V
0
0
3
=
0
5
F
M
(
V
0
0
5
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
7
1
+
o
t
5
6
-
e
p
y
T
D
C
R)
.
x
a
M
(
L)
.
x
a
M
(
D)
.
x
a
M
(
dH1
)
.
n
i
M
(
0
5
F
M]
3
.
4
[
8
6
1
.]
9
.
1
[
5
7
0
.]
5
.
[
0
2
0
.]
5
2
[
0
0
.
1
5
5
F
M]
2
.
7
[
5
8
2
.]
6
.
2
[
2
0
1
.]
6
6
.
[
6
2
0
.]
5
2
[
0
0
.
1
0
6
F
M]
3
.
0
1
[
4
0
4
.]
6
0
.
4
[
0
6
1
.]
6
6
.
[
6
2
0
.]
8
2
[
0
1
.
1
5
6
F
M]
2
.
5
1
[
8
9
5
.]
6
3
.
5
[
1
1
2
.]
7
.
[
8
2
0
.]
5
.
9
2
[
6
1
.
1
0
7
F
M]
4
.
8
1
[
4
2
7
.]
7
.
6
[
4
6
2
.]
5
8
.
[
3
3
0
.]
5
.
9
2
[
6
1
.
1
5
7
F
M]
3
.
8
2
[
4
1
1
.
1]
4
.
0
1
[
9
0
4
.]
5
8
.
[
3
3
0
.]
5
.
9
2
[
6
1
.
1
RCD 100
Ω
Ω
Ω
Ω
Ω 0.1%
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - MF55-R100-BT101

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF55 RIEDON-MF55 Datasheet
237Kb / 1P
Film Resistors
More results

Similar Description - MF55-R100-BT101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
Precision Metal Film Resistors
RCP WELWYN-RCP Datasheet
132Kb / 2P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
logo
IRC - a TT electronics ...
GP551001001F IRCTT-GP551001001F Datasheet
69Kb / 2P
PRECISION METAL FILM RESISTORS
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000_13 Datasheet
172Kb / 1P
Precision / Metal Film Resistors
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
MFP55-20RB1 RIEDON-MFP55-20RB1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
Precision Metal Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com