Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18103C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 18103C
Description  Axial Lead Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

18103C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  18103C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 18103C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KMP_1800C_B02 Page 1 of 2
1800 Series
Axial Lead Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Inductance
(1kHz, 0.1VAC)
DC Current1
DC Resistance
Q @ f kHz
SRF
±10%
Max.
Max.
Nom.
Nom.
μH
A
mΩ
Q
f
MHz
18472C
4.7
5.35
9.0
112
1000
36.4
18682C
6.8
4.15
12.0
78
500
23.6
18103C
10.0
3.45
15.0
64
500
19.0
18153C
15.0
3.00
18.0
55
500
15.9
18223C
22.0
2.42
25.0
59
500
11.8
18333C
33.0
2.00
40.0
48
500
11.5
18473C
47.0
1.65
55.0
55
500
8.5
18683C
68.0
1.35
70.0
31
100
6.6
18104C
100.0
1.20
100.0
40
100
7.4
18154C
150.0
1.10
165.0
47
100
4.4
18224C
220.0
0.90
230.0
46
100
3.5
18254C
250.0
0.80
255.0
50
100
3.7
18334C
330.0
0.73
335.0
58
100
3.0
18474C
470.0
0.60
465.0
56
100
2.2
18684C
680.0
0.53
630.0
55
100
2.0
18105C
1.0mH
0.44
1.0Ω
94
50
1.6
18155C
1.5mH
0.33
1.5Ω
107
50
1.3
18225C
2.2mH
0.30
2.2Ω
108
50
1.1
18335C
3.3mH
0.22
3.5Ω
143
50
0.8
18475C
4.7mH
0.20
4.6Ω
128
40
0.7
18685C
6.8mH
0.15
7.0Ω
144
40
0.6
18106C
10.0mH
0.13
12.0Ω
143
40
0.5
TYPICAL CORE/WIRE CHARACTERISTICS
Inductance Temperature
Coefficient
Resistance Temperature
Coefficient
Curie Temperature
(T
C
)
Saturation Flux
(B
SAT
)
430ppm
4000ppm
190°C
325mT
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
0°C to 70°C
Storage temperature range
-55°C to 125°C
SOLDERING INFORMATION2
Peak wave solder temperature
300˚C for 10 seconds
Pin finish
Bright tin
All specifications typical at T
A
=25°C
1 Maximum DC current occurs when either the inductance falls to 90% of its nominal value or when its temperature rise reaches 30°C,
whichever is sooner.
2 For further information, please visit www.murata-ps.com/rohs
FEATURES
RoHS compliant
Axial format
Up to 5.35A IDC
4.7μH to 10mH
Low DC resistance
Compact size
MIL-I-23053/5 class III sleeving
Fully tinned leads
Supplied in packs of 10
Custom & radial parts available
Backward compatible with
Sn/Pb soldering systems
DESCRIPTION
The 1800 Series of inductors are particularly
suited to use with a wide variety of switching
regulators. Offering high current handling with a
low mounting height, the devices are ideal where
space is at a premium.


Similar Part No. - 18103C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
18103 CANDD-18103 Datasheet
54Kb / 2P
Axial Lead Inductors
logo
Extreme Networks.
18103 EXTREMENETWORKS-18103 Datasheet
212Kb / 6P
Simplified edge switch operation leveraging the power of ExtremeXOS® aggregation switches
12sep23
logo
PHOENIX CONTACT
1810337 PHOENIX-1810337 Datasheet
86Kb / 3P
Base strip - IC 2,5/ 2-GF-5,08 EX
1810366 PHOENIX-1810366 Datasheet
371Kb / 9P
IC 2,5/ 5-GF-5,08 EX - PCB header
1810395 PHOENIX-1810395 Datasheet
372Kb / 9P
IC 2,5/ 8-GF-5,08 EX - PCB header
More results

Similar Description - 18103C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1800 CANDD-1800 Datasheet
54Kb / 2P
Axial Lead Inductors
logo
Gilway Technical Lamp
7151 GILWAY-7151 Datasheet
44Kb / 1P
Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps
logo
Microsemi Corporation
14KESD50-1 MICROSEMI-14KESD50-1 Datasheet
109Kb / 2P
AXIAL LEAD
logo
List of Unclassifed Man...
2474-01L ETC1-2474-01L Datasheet
40Kb / 1P
Axial Lead Power Inductors
logo
API Delevan
2474R API-2474R Datasheet
1Mb / 1P
Axial Lead Power Inductors
logo
Murata Power Solutions ...
1800 MURATA-PS-1800 Datasheet
87Kb / 2P
Axial Lead Inductors
logo
Illinois Capacitor, Inc...
105TMA100M ILLINOISCAPACITOR-105TMA100M Datasheet
113Kb / 1P
AXIAL LEAD
105TMA200M ILLINOISCAPACITOR-105TMA200M Datasheet
112Kb / 1P
AXIAL LEAD
105TMA350M ILLINOISCAPACITOR-105TMA350M Datasheet
113Kb / 1P
AXIAL LEAD
105TTA350M ILLINOISCAPACITOR-105TTA350M Datasheet
118Kb / 1P
AXIAL LEAD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com