Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82103C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # 82103C
Description  Miniature Surface Mount Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

82103C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  82103C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 82103C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 82103C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. 82103C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KMP_8200C_B02 Page 3 of 4
8200 Series
Miniature Surface Mount Power Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TAPE OUTLINE DIMENSIONS
Unless otherwise stated all dimensions in mm (inches) ±0.25 (0.01).
Package Weight 0.06g Typ.
2.0 (0.080)
±0.3 (0.012)
2.5 (0.098)
±0.2 (0.008)
1.52
(0.060)
3.81 (0.15)
Direction of unreeling
1.75 (0.069)
1.5
(0.059)
4.0
(0.157)
0.6 (0.024)
2.4 (0.095)
Unless otherwise stated all dimensions in mm (inches) ±0.25 (0.01).
Reel Quantity: 2500
Unless otherwise stated all dimensions in mm (inches)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com