Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82103C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 82103C
Description  Miniature Surface Mount Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

82103C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  82103C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 82103C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 82103C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. 82103C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KMP_8200C_B02 Page 1 of 4
8200 Series
Miniature Surface Mount Power Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
FEATURES
RoHS compliant
Up to 2.0A IDC
1.0μH to 470μH
Ultra low profile
Low RDC
Tape and reel packaging
J-STD-020C reflow
Backward compatible with
Sn/Pb soldering systems
DESCRIPTION
The 8200 series is a range of miniature,
surface-mount,
I-core power inductors. They
are designed for use in power applications
with restricted PCB space and height, such as
ExpressCard™ technology, handheld devices,
DC-DC converters and notebook computers. The
products are supplied in tape and reel for high-
volume, automated surface-mount assembly.
SELECTION GUIDE
Order Code
Inductance, L
Idc
(Max.)1
Q Factor
SRF (Typ.)
Rdc (Max.)
0.1V @ 10KHz
Tolerance
μH
%
A
Q (Min.)
at frequency
MHz
Ω
82102C
1.0
±20%
2.0
18
1MHz
133
0.058
82152C
1.5
±20%
1.4
18
1MHz
103
0.068
82222C
2.2
±20%
1.1
18
1MHz
85
0.104
82332C
3.3
±20%
0.95
18
1MHz
67
0.138
82472C
4.7
±20%
0.80
20
1MHz
58
0.190
82682C
6.8
±20%
0.64
20
1MHz
46
0.270
82103C
10
±10%
0.50
35
1MHz
38
0.400
82153C
15
±10%
0.40
35
1MHz
31
0.560
82223C
22
±10%
0.32
35
1MHz
25
0.920
82333C
33
±10%
0.27
40
1MHz
20
1.30
82473C
47
±10%
0.25
40
1MHz
17
1.69
82683C
68
±10%
0.20
40
1MHz
15
2.55
82104C
100
±10%
0.16
40
800k
13
3.5
82154C
150
±10%
0.13
40
800k
11
5.9
82224C
220
±10%
0.10
40
800k
10
8.0
82334C
330
±10%
0.08
40
800k
9
13.5
82474C
470
±10%
0.07
50
800k
9
16.8
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 85°C
Storage temperature range
-40°C to 125°C
SOLDERING INFORMATION2
Peak reflow temperature
260˚C
Pin finish
Reflowed SAC305
Specifications typical at T
A
= 25°C
1 The maximum DC current occurs when either the inductance falls to 75% of its nominal value or when its temperature rise reaches
40°C, whichever is sooner.
2 For further information, please visit www.murata-ps.com/rohs


Similar Part No. - 82103C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
82103C MURATA-PS-82103C Datasheet
146Kb / 5P
Miniature Surface Mount Power Inductors
More results

Similar Description - 82103C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
Miniature Low Profile, Shielded Surface Mount Inductors
HM61 ETC1-HM61 Datasheet
252Kb / 2P
Low Cost Miniature Surface Mount Inductors
logo
Bi technologies
HM61 BITECH-HM61 Datasheet
252Kb / 2P
Low Cost Miniature Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_8400 MURATA-KMP_8400 Datasheet
123Kb / 3P
Miniature Surface Mount Power Inductors
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
logo
Murata Power Solutions ...
8400 MURATA-PS-8400 Datasheet
143Kb / 3P
Miniature Surface Mount Power Inductors
logo
TT Electronics.
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
Miniature Low Profile, Shielded Surface Mount Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com