Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM-2 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # LSM-2
Description  Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT 10 Amp DC/DC?셲 in SMT Packages
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM-2 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button LSM-2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
The highest temperatures in LSM D3 SMT's occur at their output inductor,
whose heat is generated primarily by I2R losses. The derating curves were
developed using thermocouples to monitor the inductor temperature and
varying the load to keep that temperature below +110°C under the assorted
conditions of air flow and air temperature. Once the temperature exceeds
+115°C (approx.), the thermal protection will disable the converter. Automatic
restart occurs after the temperature has dropped below +110°C.
As you may deduce from the derating curves and observe in the efficiency
curves on the following pages, LSM D3 SMT's are more efficient at lower
current levels. Also I2R losses in the output inductor are significantly less at
lower current levels. Consequently, LSN-D3 SMT's deliver very impressive
temperature performance if operating at less than full load.
Lastly, when LSM D3 SMT's are installed in system boards, they are obvi-
ously subject to numerous factors and tolerances not taken into account here.
If you are attempting to extract the most current out of these units under
demanding temperature conditions, we advise you to monitor the output-
inductor temperature to ensure it remains below +110°C at all times.
Output Reverse Conduction
Many DC/DC's using synchronous rectification suffer from Output Reverse
Conduction. If those devices have a voltage applied across their output before
a voltage is applied to their input (this typically occurs when another power
supply starts before them in a power-sequenced application), they will either
fail to start or self destruct. In both cases, the cause is the "freewheeling" or
"catch" FET biasing itself on and effectively becoming a short circuit.
LSM D3 SMT DC/DC converters do not suffer from Output Reverse Conduc-
tion. They employ proprietary gate drive circuitry that makes them immune
to applied output voltages.
Thermal Considerations and Thermal Protection
The typical output-current thermal-derating curves shown below enable
designers to determine how much current they can reliably derive from each
model of the LSM D3 SMT's under known ambient-temperature and air-flow
conditions. Similarly, the curves indicate how much air flow is required to
reliably deliver a specific output current at known temperatures.
Figure 7. Trim Connections Using Fixed Resistors
Figure 6. Trim Connections Using a Trimpot
Trim Equations
Note: Resistor values are in k . Accuracy of adjustment is subject to
tolerances of resistors and factory-adjusted, initial output accuracy.
VO = desired output voltage. VO
NOM = nominal output voltage.
Note: LSM-0.8/10-D3 is not trimmable.
UP
VO – 1
RT (k ) =
1.296
DOWN
1 – VO
RT
(k ) =
–
1
–
1
1.62(VO – 0.8)
UP
VO – 1.2
RT (k ) =
1.992
DOWN
1.2 – VO
RT
(k ) =
–
2.37
–
2.37
2.49(VO – 0.8)
UP
VO – VO NOM
RT (k ) =
1.896
DOWN
VO NOM – VO
RT
(k ) =
–
4.99
–
4.99
2.37(VO – 0.8)
LSM-1/10-D3
Model
LSM-1.2/10-D3
LSM-1.5/10-D3
LSM-1.8/10-D3
LSM-2/10-D3
LSM-2.5/10-D3
Trim Equations
Note:
Install either a fixed
trim-up resistor
or a fixed trim-down
resistor depending upon
desired output voltage.
LSM-10A D3 Models
Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT
10 Amp DC/DC’s in SMT Packages
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSM-10A D3.B01 Page 6 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com