Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM-2 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LSM-2
Description  Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT 10 Amp DC/DC?셲 in SMT Packages
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM-2 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LSM-2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSM-2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 
Typical Unit
+INPUT
(2)
COMMON
(3)
PWM
CONTROLLER
CURRENT
SENSE
REFERENCE &
ERROR AMP
VCC
ON/OFF
CONTROL
(1)
VOUT
TRIM
(5)
+OUTPUT
(4)
+SENSE
(6)
COMMON
(3)
Features
Figure 1. Simplified Schematic
DATEL's LSM D3 Series for SMT (surface-mount) are non-isolated DC/DC
converters that accept a 3.3V input (3.0V to 3.6V input range) and deliver 1V, 1.2V,
1.5V, 1.8V, 2V or 2.5V outputs at 10 Amps. LSM D3 SMT's are designed to take on-
board 3.3V power and convert it, with the highest efficiency in the smallest space, to
any lower voltage required by today's current-hungry DSP's, ASIC's and CPLD's.
The LSM D3's miniature size makes them ideal for true point-of-use/load power
processing. They occupy a mere 0.7 square inches (4.5 cm2) and are only 0.34
inches (8.64 mm) high. The SMT package is designed for pick and place including
lead free reflow soldering, and they typically require no additional external compo-
nents.
The LSM's best-in-class power density is achieved with a fully synchronous,
fixed-frequency (300kHz), buck topology that also delivers: high efficiency (94% for
2.5VOUT models), low noise (30mVp-p typ.), tight line/load regulation (±0.1%/±0.25%
max.), quick step response (100μsec), stable no-load operation, and no output
reverse conduction.
The fully functional LSM's feature output overcurrent detection, continuous short-
circuit and over-temperature protection, an output-voltage trim function, a remote on/
off control pin (pull low to disable), and a sense pin. High efficiency enables the LSM
D3's to deliver rated output currents of 10 Amps at ambient temperatures to +70°C
with no air flow (natural convection).
If your low-voltage, high-current requirements have made the use of inefficient
linear regulators impractical, take a look at one of DATEL's easy-to-use, low-cost
LSM SMT's (or equivalent LSN SIP's). All devices are UL/IEC/EN60950 certified and
EMC compliant. UL, CB, HALT and EMC reports are available upon request.
Step-down buck regulators with
industry-standard SMT footprint
3.3V input (3.0-3.6V range)
0.8/1/1.2/1.5/1.8/2/2.5VOUT @10A
Non-isolated, fixed-frequency,
synchronous-rectifier topology
Tape and reel SMT package
±1% setpoint accuracy
Efficiencies to 94% @ 10 Amps
Noise as low as 30mVp-p
Stable no-load operation
Remote on/off control
Sense pin and output voltage trim
Thermal shutdown
No derating to +70°C, natural convection
UL/IEC/EN60950 certified
EMC compliant
For devices with the sense-pin removed ("B" suffix),
the feedback path is through the +Output pin and not
the +Sense pin.
Typical topology is shown
LSM-10A D3 Models
Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT
10 Amp DC/DC’s in SMT Packages
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
MDC_LSM-10A D3.B01 Page 1 of 13


Similar Part No. - LSM-2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSM-2.5/10-D12EB MURATA-LSM-2.5/10-D12EB Datasheet
217Kb / 5P
10 Amp DC/DC Power Converter Evaluation Boards
LSM-2.5/10-D3EB MURATA-LSM-2.5/10-D3EB Datasheet
217Kb / 5P
10 Amp DC/DC Power Converter Evaluation Boards
LSM-2.5/10-D5-C MURATA-LSM-2.5/10-D5-C Datasheet
400Kb / 13P
Single Output, Non-Isolated, 5VIN, 0.8-3.3VOUT, 10A, DC/DCs in SMT Packages
LSM-2.5/10-D5EB MURATA-LSM-2.5/10-D5EB Datasheet
217Kb / 5P
10 Amp DC/DC Power Converter Evaluation Boards
LSM-2.5/16-D12 MURATA-LSM-2.5/16-D12 Datasheet
372Kb / 12P
Non-Isolated, 13-80W SMT DC/DC Converters
More results

Similar Description - LSM-2

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO10C ARTESYN-LDO10C Datasheet
651Kb / 20P
Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
logo
Murata Manufacturing Co...
LSM10A-D5 MURATA-LSM10A-D5 Datasheet
400Kb / 13P
Single Output, Non-Isolated, 5VIN, 0.8-3.3VOUT, 10A, DC/DCs in SMT Packages
LSN10A-D5 MURATA-LSN10A-D5 Datasheet
346Kb / 15P
Non-Isolated, 5VIN, 1-3.8VOUT 10 Amp DC/DC In SIP Package
LSN10A-D12 MURATA-LSN10A-D12 Datasheet
377Kb / 12P
Single Output, Non-Isolated, 12VIN, 1-5VOUT, 10A, DC/DCs in SIP Packages
LSN16A-D12 MURATA-LSN16A-D12 Datasheet
309Kb / 13P
Single Output, Non-Isolated, 12VIN, 0.75-5VOUT 16 Amp in DC/DCs SIP Packages
MPDTH03060WAH MURATA-MPDTH03060WAH Datasheet
177Kb / 6P
Adjustable Non-isolated 10-Amp POLA DC/DC Converters
logo
International Rectifier
IRUH330125AK IRF-IRUH330125AK Datasheet
206Kb / 9P
3.3VIN to 2.5VOUT @3.0A
logo
Artesyn Technologies
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ_15 Datasheet
721Kb / 3P
49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ Datasheet
721Kb / 3P
49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
2A Non-Isolated DC/DC Converter Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com