Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFV3P-R100 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # TFV3P-R100
Description  THERMAL FUSE RESISTORS, 1/2W to 60W PERMANENT OR REPLACEABLE FUSE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

TFV3P-R100 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  TFV3P-R100 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Meets UL, FCC, REA, and EIA requirements
Fusing-to-operating current ratio as low as 1.25:1!
Fusing times can be custom tailored
Precision tolerance to ±0.1%, TC’s to 5ppm available
Available on exclusive SWIFTTM delivery program
If a custom model is required, please advise the continuous wattage
rating, ambient temperature, fusing wattage or current, min/max blow
time, resistance value & tolerance, maximum size, pulse voltage &
waveform, and a general description of the application.
SPECIFICATIONS (133°C fuse design)
D
C
R
e
p
y
T
1
e
g
a
t
t
a
W
C
°
5
2
@
2
x
a
M
/
n
i
M
g
n
i
s
u
F
e
g
n
a
R
3
e
g
a
t
l
o
V
g
n
i
t
a
R
4
e
c
n
a
t
s
i
s
e
R
)
.
d
t
S
(
e
g
n
a
R
5
]
1
8
.
[
2
3
0
.
±
L]
1
8
.
[
2
3
0
.
±
B]
1
8
.
[
2
3
0
.
±
CD6
]
1
8
.
[
2
3
0
.
±
S
1
0
F
TW
1W
3W
0
0
1
o
tV
0
45
0
.
Ω
K
1
o
t
Ω
]
8
.
7
1
[
0
7
.]
6
.
6
[
6
2
.]
6
.
6
[
6
2
.]
5
.
1
[
6
0
.
1
0
F
TW
1W
0
0
1
o
t
W
5V
0
55
0
.
Ω
K
4
o
t
Ω
]
4
.
2
2
[
8
8
.]
9
.
7
[
1
3
.]
9
.
7
[
1
3
.]
5
.
1
[
6
0
.
2
0
F
TW
2W
0
0
2
o
t
W
7V
0
0
15
0
.
Ω
K
0
1
o
t]
1
.
4
2
[
5
9
.]
1
.
7
[
8
2
.]
1
.
7
[
8
2
.A
/
N
4
0
F
TW
4W
0
0
4
o
t
W
0
1V
0
5
15
0
.
Ω
K
5
2
o
t]
3
.
5
3
[
9
3
.
1]
7
.
9
[
8
3
.]
9
.
8
[
5
3
.]
0
.
3
[
2
1
.
5
0
F
TW
5W
0
0
5
o
t
W
5
1V
0
0
25
0
.
Ω
K
0
4
o
t]
8
.
7
4
[
8
8
.
1]
7
.
9
[
8
3
.]
7
.
9
[
8
3
.]
0
.
3
[
2
1
.
7
0
F
TW
7W
0
0
7
o
t
W
0
2V
0
5
25
0
.
Ω
K
0
6
o
t]
8
.
7
4
[
8
8
.
1]
7
.
2
1
[
0
5
.]
7
.
2
1
[
0
5
.]
0
.
3
[
2
1
.
2
V
F
TW
2W
0
0
2
o
t
W
4V
0
0
15
0
.
Ω
K
0
1
o
t]
0
.
1
1
[
5
3
4
.]
6
.
7
[
0
3
.]
3
.
0
2
[
0
8
.A
/
N
3
V
F
TW
3W
0
0
3
o
t
W
6V
0
5
15
0
.
Ω
K
0
2
o
t]
0
.
3
1
[
5
1
5
.]
0
1
[
0
4
.]
4
.
5
2
[
0
0
.
1A
/
N
5
V
F
TW
5W
0
0
5
o
t
W
8V
0
0
25
0
.
Ω
K
5
2
o
t]
7
.
2
1
[
0
0
5
.]
0
1
[
0
4
.]
6
.
8
3
[
2
5
.
1A
/
N
7
V
F
TW
7W
0
0
7
o
t
W
2
1V
0
5
25
0
.
Ω
K
0
4
o
t]
7
.
2
1
[
0
0
5
.]
0
1
[
0
4
.]
3
.
1
5
[
2
0
.
2A
/
N
5
R
F
TW
5W
0
0
5
o
t
W
7V
0
0
25
0
.
Ω
K
0
4
o
te
v
o
b
a
n
o
i
t
a
r
t
s
u
ll
i
e
e
S
e
c
n
a
r
e
l
o
Te
l
b
a
l
i
a
v
a
%
0
1
o
t
%
1
.
0
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T.
l
i
a
v
a
/
m
p
p
5
±
o
t
s
'.
C
.
T
,
d
r
a
d
n
a
t
s
m
p
p
0
0
1
±
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
DC
A
V
0
0
5
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
I)
y
r
d
(
.
n
i
m
s
m
h
o
g
e
m
0
0
0
,
0
1
e
g
n
a
R
.
p
m
e
T
g
n
i
t
a
r
e
p
O)
.
l
i
a
v
a
C
°
5
2
2
o
t
p
u
(
C
°
0
2
1
+
o
t
5
5
-
g
n
i
t
a
r
e
DC
°
0
2
e
v
o
b
a
C
°
/
%
1
(
g
n
i
t
a
R
e
s
u
F)
C
°
5
±
r
a
l
u
p
o
p
r
e
h
t
O
.
V
0
5
2
A
2
C
°
3
3
1
=
d
r
a
d
n
a
t
S
C
°
7
8
1
d
n
a
C
,
°
7
6
1
,
C
°
0
1
1
e
r
a
s
l
e
d
o
m
)
A
5
2
o
t
A
5
.
0
,
e
l
b
a
l
i
a
v
a
C
°
0
4
2
+
o
t
C
°
2
7
(
V
F
T
:
e
m
i
T
e
s
u
F
d
r
a
d
n
a
t
S
n
i
h
t
i
w
e
s
u
f
ll
a
h
s
s
e
i
r
e
S
,
r
e
w
o
p
d
e
t
a
r
x
0
2
t
a
S
0
3
e
s
u
f
ll
a
h
s
R
F
T
d
n
a
F
T
.
W
d
e
t
a
r
x
0
3
@
S
0
3
n
i
h
t
i
w
.
x
o
r
p
p
a
r
o
f
t
r
a
h
c
o
t
r
e
f
e
R
e
s
u
fs
e
v
r
u
cg
n
i
s
u
f
m
o
t
s
u
c
(
.
)
e
l
b
a
l
i
a
v
a
1 Other sizes available from 1/2W to 60W. 2 Wattage rating based on 167°C fuse, deduct 24% for 133°C and 40% for 110°C. 3 Expanded range available 4 Maximum resistor working voltage determined by
E = ( PR)1/2, E not exceed value listed
5 Resistance range from .005Ω to 1MΩ available. 6Opt.A standoffs are avalable on TF1/2 - TF07 (not available on TF02)
FA099B
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
OPTIONS
Option X: Low inductance design
Option P: high pulse design (consult factory for assistance)
Option A: ceramic case with standoffs (standard on TFV)
Customized fuse time/temp, Hi-rel screening & burn-in,
increased V & W, aluminum-housed heat sink design, etc.
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
10
20 30 50 100 200 300 500
Approx. Fusing Time (Seconds)
100W
10W
3W
50W
30W
TF02, TFV5
TFV2
TFV3
TF04
TFR5
RCD
TFV3
100
Ω
Ω
Ω
Ω
Ω 5%
TF Series
SCHEMATIC
L
E
↓
D
(standoffs apply
to Opt.A only, not
avail on TF02)
↓
↑
↑
1.0 [25.4] Min
← B→
C
↓
↑
TFV Series
← L →
C
.033”
max.
↑
↓
.200 ±.08
[5.08±2]
←
← B→
→← .150[3.8]
min.
↓
↑
→
Fuse is soldered
between the
resistor and metal
mounting bracket,
therefore easily
replaceable in field
TFR Series
.032x.08” (3PL)
.045” dia.
TFR5
Mounting
Layout
.20”
.20”
.41”
.032”±.004
.125”
min.
.41”
.400”
2.45”
Max
--
--
82
RCD
TF05A
100ΩΩΩΩΩ
5%
RCD’s TF Series construction consists of a thermal fuse welded in
series with a resistor element. The assembly is potted inside a
ceramic case (model TFR fuse is mounted externally in order to
provide field-replaceability of the fuse). Under overload conditions, the
thermal fuse “senses” the temperature rise of the resistor element
and opens upon reaching a predetermined temperature. Devices can
be custom tailored to specific fault conditions and do not require the
large power overloads necessary with other fuse resistors to achieve
proper fusing. Thus, the TF Series offers great safety, since high
temperatures are not involved to achieve fusing. Typical applications
include telecom line cards, repeaters, trunk carrier systems, RFI
suppression, power supply, medical, and automotive circuits.
RESISTORS CAPACITORS COILS DELAY LINES
THERMAL FUSE RESISTORS, 1/2W to 60W
PERMANENT OR REPLACEABLE FUSE
TF SERIES
P/N DESIGNATION:
TFV3
- 102 - J B
W
Resis. Code 1% & tighter tols: 3 signif. digits & multiplier,
e.g. R100= 0.1
Ω, 1R00= 1Ω,1000= 100Ω, 1001= 1KΩ.
2%- 5%: 2digits &multiplier R10= .1
Ω, 1R0=1Ω,100=10Ω, 102=1K
Optional TC: 5= 5ppm, 10 = 10ppm, 20 = 20ppm, 30 = 30ppm,
50 = 50ppm (leave blank if std)
RCD Type
Options: X, P, A (leave blank if standard)
T
olerance: J=5%, G=2%, F=1%, D=.5%, C=.25%, B=.1%
Optional Fuse: “110C”= 110°C, “167C”=167°C,
“187C”=187°C, etc. Leave blank for standard 133°C
Termination: W = Lead-free, Q = Tin/Lead (leave blank if either is acceptable)
Packaging
: B = Bulk (standard)
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - TFV3P-R100

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
TFV0675F FARADAY-TFV0675F Datasheet
56Kb / 2P
LOW COST MONITOR FILTERS
TFV0675S FARADAY-TFV0675S Datasheet
56Kb / 2P
LOW COST MONITOR FILTERS
TFV1350F FARADAY-TFV1350F Datasheet
56Kb / 2P
LOW COST MONITOR FILTERS
TFV1350S FARADAY-TFV1350S Datasheet
56Kb / 2P
LOW COST MONITOR FILTERS
More results

Similar Description - TFV3P-R100

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
Thermal Cutoff (Thermal Fuse)
logo
Bourns Electronic Solut...
L11B BOURNS-L11B Datasheet
125Kb / 1P
Line Feed Resistors w/Thermal Fuse & Overvoltage Protectors
L21 BOURNS-L21 Datasheet
125Kb / 1P
Line Feed Resistors w/Thermal Fuse
logo
KOA Speer Electronics, ...
WF5NC8 KOA-WF5NC8 Datasheet
99Kb / 2P
thermal fuse built-in resistors
logo
RCD COMPONENTS INC.
FR1P-R100-KB RCD-FR1P-R100-KB Datasheet
32Kb / 1P
FAILSAFE FUSE RESISTORS 1/2 WATT to 50 WATT
logo
KOA Speer Electronics, ...
WF5NC8G100K KOA-WF5NC8G100K Datasheet
257Kb / 2P
thermal fuse built-in resistors
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
Fuse - THERMAL FUSE TF104
logo
Vishay Siliconix
HCTF VISHAY-HCTF_V01 Datasheet
90Kb / 5P
High Current Thermal Fuse
10-Apr-13
logo
UN Semiconducctor INC
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
14D511KT UNSEMI-14D511KT Datasheet
512Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com