Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXD2000 Datasheet(PDF) 1 Page - C&D Technologies

Part # TXD2000
Description  AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

TXD2000 Datasheet(HTML) 1 Page - C&D Technologies

  TXD2000 Datasheet HTML 1Page - C&D Technologies TXD2000 Datasheet HTML 2Page - C&D Technologies TXD2000 Datasheet HTML 3Page - C&D Technologies TXD2000 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TXD2000 2/2000 REV A
Page 1
FEATURES
Wide Range Input of 90-264VAC, 1000 Watts,
High Range Input of 180-264VAC, 2000 Watts,
Harmonic Correction to EN61000-3-2
Active Current Sharing
No Load Operation
Optional ORing Diode
70-80% Efficiencies
FCC / CISPR 22 Class A EMI Filtering
Self-Cooled 5”x 8”x 12” Chassis
EN61000-4 Immunity
AGENCY APPROVALS
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537 Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141
TXD2000
2000 WATT
AC/DC POWER SUPPLY
Product Data Sheet
DESCRIPTION
The TXD2000 Series is a flexible, modular, 2000 Watt
design offering two high current outputs in a 5 x 8 x 12
package. Output voltages from 2.5 VDC through 48
VDC are standard.With Power Factor Correction, EMI
compliance to FCC and CISPR22, CE Mark and
immunity to EN61000-4, the TXD2000 Series is ready
for global deployment. Standard features include
Remote Sense Compensation, Output Voltage
Adjustment, Active Current Sharing, Remote Inhibit,
Power Fail Warning, DC OK Signal and Thermal
Shutdown. An optional ORing diode is offered on
models with an output voltage of 12 VDC or above.
OBSOLETE
PRODUCT
Contac
t Fa
ctor
y for
Replac
ement
Model


Similar Part No. - TXD2000

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TXD2000 CANDD-TXD2000 Datasheet
202Kb / 4P
2000 WATT AC/DC POWER SUPPLY
More results

Similar Description - TXD2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com