Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXD2000 Datasheet(PDF) 2 Page - C&D Technologies

Part # TXD2000
Description  AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

TXD2000 Datasheet(HTML) 2 Page - C&D Technologies

  TXD2000 Datasheet HTML 1Page - C&D Technologies TXD2000 Datasheet HTML 2Page - C&D Technologies TXD2000 Datasheet HTML 3Page - C&D Technologies TXD2000 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TXD2000 2/2000 REV A
Page 2
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Operating Range
1000W
47-63Hz
90
264
VAC
2000W
47-63Hz
180
264
VAC
Inrush Current
120VAC, 250C, cold start
80
Apk
240VAC, 250C, cold start
160
Apk
Efficiency
Nominal line, full load
70
75
80
%
Holdup
Full load
20
msec
Power Factor (1)
Full load
0.99
Notes: (1) Harmonic currents meet EN61000-3-2
Output Voltage Modules and Maximum Rated Load
Output
Output Voltage
Output Current
Output Power
Voltage Code
Voltage
(Maximum Continuous) (Maximum Continuous)
A
5.0
200A
1000W
B
12.0
83A
1000W
C
15.0
67A
1000W
D
18.0
55A
1000W
E
24.0
42A
1000W
F
28.0
36A
1000W
G
36.0
28A
1000W
H
48.0
21A
1000W
J
20.0
40A
800W
K
3.3
182A
600W
L
2.5
200A
500W
Output Specifications
Parameter
Conditions
Min
Typ
Max
Units
Output Power
All environmental and line conditions
90-264VAC
1000
Watts
180-264VAC
Limited by output module selection
2000
Watts
Voltage Adjustment Range Relative to nominal output voltage
+5
%
Output Regulation
Line, load or cross
+0.2
%
Minimum Load
0
Amps
PARD
Measured at output terminals, 20MHz
50 mv or 1% pk-pk
Temperature Coefficient
00 to 500C
+0.2
%/0C
Environmental Specifications
Parameter
Conditions
Min
Typ
Max
Units
Ambient Temperature
Output de-rated linearly to 50% of
(Operating)
rated capacity between 500C and 700C
0
+70
0
C
Ambient Temperature
Non-operating
-50
+85
0
C
Altitude (Operating)
-200
+10,000
Feet
Altitude (Non-operating)
-200
+50,000
Feet
Shock
Per MIL-STD-810D, Method 516.3, Procedure II, in each axis, including NTSA drop test
Vibration
Per MIL-STD-810D, Method 514.3, Procedure II, in each axis, including NTSA drop test
Cooling
The TXD2000 is provided with internal cooling fans.
OBSOLETE
PRODUCT
Contac
t Fa
ctor
y for
Replac
ement
Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com