Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPR1002 Datasheet(PDF) 1 Page - C&D Technologies

Part # HPR1002
Description  1.0 WATT UNREGULATED SIP DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HPR1002 Datasheet(HTML) 1 Page - C&D Technologies

  HPR1002 Datasheet HTML 1Page - C&D Technologies HPR1002 Datasheet HTML 2Page - C&D Technologies HPR1002 Datasheet HTML 3Page - C&D Technologies HPR1002 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
HPR10XX
REV D
8/2007
HPR10XX
Notes: All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
PIN PLACEMENT TOLERANCE: ± 0.015"
Internet: http://www.cd4power.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 520.295.4100
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141
FEATURES
l
LOW COST
l
SINGLE-IN-LINE PACKAGE (SIP)
l
INTERNAL INPUT AND OUTPUT FILTERING
l
NON-CONDUCTIVE CASE
l
HIGH OUTPUT POWER DENSITY:
13 WATTS/INCH3
l
EXTENDED TEMPERATURE RANGE:
-25°C TO +65°C
l
HIGH EFFICIENCY: TO 72% TYPICAL
DESCRIPTION
The HPR10XX Series uses advanced circuit design and packag-
ing technology to deliver superior reliability and performance.
A 170kHz push-pull oscillator is used in the input stage. Beat-
frequency oscillation problems are reduced when using the
HPR10XX Series with high frequency isolation amplifiers.
Reduced parts count and high efficiency add to the reliability
of the HPR10XX Series. The high efficiency of the HPR10XX
Series means less internal power dissipation, as low as 190mW.
With reduced heat dissipation the HPR10XX Series can operate
at higher temperatures with no degradation. In addition, the high
efficiency of the HPR10XX Series means the series is able to
offer greater than 13 W/inch3 of output power density. Opera-
tion down to no load will not impact the reliability of the series,
although a 1mA minimum load is needed to realize published
specifications.
The HPR10XX Series provides the user low cost without sacrific-
ing reliability. The use of surface mounted devices and advanced
manufacturing technologies make it possible to offer premium
performance and low cost.
FRONT
VIEW
BOTTOM
VIEW
* Common pin not present on single output models.
PIN CONNECTIONS
1. +VIN
2. -VIN
4. -VOUT 5. COM*
6. +VOUT
RIGHT
SIDE
VIEW
MECHANICAL
HPR10XX
Product Data Sheet
1.0 WATT UNREGULATED
SIP DC/DC CONVERTER
1 00 WATT U
UNRREGULATEED
OBSOLETE PRODUCT
Contact Factory for Replacement Model


Similar Part No. - HPR1002

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR1002 CANDD-HPR1002 Datasheet
46Kb / 4P
1.0 WATT UNREGULATED SIP DC/DC CONVERTER
logo
Murata Power Solutions ...
HPR1002C MURATA-PS-HPR1002C Datasheet
179Kb / 4P
1.0 WATT UNREGULATED, SIP DC/DC CONVERTER
More results

Similar Description - HPR1002

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR10XX CANDD-HPR10XX Datasheet
46Kb / 4P
1.0 WATT UNREGULATED SIP DC/DC CONVERTER
HPR7XX CANDD-HPR7XX Datasheet
34Kb / 4P
5 WATT UNREGULATED SIP DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
1.5 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
5 WATT UNREGULATED DC/DC CONVERTER
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
1.8 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTER
HPR700 MURATA-PS-HPR700 Datasheet
96Kb / 3P
5 WATT UNREGULATED SIP DC/DC CONVERTER
HPR700C MURATA-PS-HPR700C Datasheet
117Kb / 3P
5 WATT UNREGULATED SIP DC/DC CONVERTER
HPR1000C MURATA-PS-HPR1000C Datasheet
179Kb / 4P
1.0 WATT UNREGULATED, SIP DC/DC CONVERTER
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
1W SIP Package DC-DC Unregulated Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com