Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPR1002 Datasheet(PDF) 2 Page - C&D Technologies

Part # HPR1002
Description  1.0 WATT UNREGULATED SIP DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HPR1002 Datasheet(HTML) 2 Page - C&D Technologies

  HPR1002 Datasheet HTML 1Page - C&D Technologies HPR1002 Datasheet HTML 2Page - C&D Technologies HPR1002 Datasheet HTML 3Page - C&D Technologies HPR1002 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
HPR10XX
REV D
8/2007
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
ELECTRICAL SPECIFICATIONS
Note: Other input to output voltages may be available. Please contact factory.
COMMON SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
* For demonstrated MTTF results reference Reliability Report HPR105
NOMINAL
RATED
RATED
INPUT CURRENT
REFLECTED
INPUT
OUTPUT
OUTPUT
RIPPLE
EFFICIENCY
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
RATED LOAD
CURRENT
MODEL
(VDC)
(VDC)
(mA)
(mA)
(mA)
(mAp-p)
(%)
HPR1000
5
5
200
33
290
8
68
HPR1001
5
12
83
33
290
8
69
HPR1002
5
15
67
33
285
8
70
HPR1003
5
±5
±100
33
285
8
70
HPR1004
5
±12
±42
33
285
8
70
HPR1005
5
±15
±34
33
285
8
70
HPR1006
12
5
200
18
110
10
70
HPR1007
12
12
83
18
107
10
71
HPR1008
12
15
67
18
107
10
71
HPR1009
12
±5
±100
18
107
10
71
HPR1010
12
±12
±42
18
107
10
71
HPR1011
12
±15
±34
18
107
10
71
HPR1012
15
5
200
15
96
10
70
HPR1013
15
12
83
15
94
10
70
HPR1014
15
15
67
15
94
10
71
HPR1015
HPR1016
15
±12
±42
15
94
10
71
HPR1017
15
±15
±34
15
94
10
71
HPR1018
24
5
200
12
60
15
71
HPR1019
24
12
83
12
60
15
71
HPR1020
24
15
67
12
58
15
72
HPR1021
24
±5
±100
12
58
15
72
HPR1022
24
±12
±42
12
58
15
72
HPR1023
24
±15
±34
12
58
15
72
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
4.5
5
5.5
VDC
10.8
12
13.2
VDC
13.5
15
16.5
VDC
21.6
24
26.4
VDC
Voltage Rise Time
See Typical Performance Curves & Application Notes: "Capacitive Loading Effects on Start-Up of DC/DC Converters"
ISOLATION
Rated Voltage
1000
VDC
Test Voltage
60 Hz, 10 Seconds
1000
Vpk
Resistance
10
G
Ω
Capacitance
25
100
pF
Leakage Current
V
ISO= 240VAC, 60Hz
2
8.5
μArms
OUTPUT
Rated Power
1.0
W
Voltage Setpoint Accuracy
Rated Load, Nominal V
IN
±5
%
Ripple & Noise
BW = DC to 10MHz
100
mVp-p
BW =10Hz to 2MHz
30
mVrms
Voltage
1mA Load, V
OUT =
5V
7
VDC
1mA Load, V
OUT = 12V
15
VDC
1mA Load, V
OUT = 15V
18
VDC
Temperature Coefficent
.01
%/Deg C
REGULATION
Line Regulation
High Line to Low Line
1
%/%Vin
Load Regulation (5V out only)
Rated Load to 1mA Load
10
%
Load Regulation (All other Models)
Rated Load to 1mA Load
3
%
GENERAL
Switching Frequency
170
kHz
Frequency Change
Over Line and Load
24
%
Package Weight
2
g
MTTF per MIL-HDBK-217, Rev. E
Circuit Stress Method
Ground Benign
T
A = +25°C
3.8
MHr
Fixed Ground
T
A = +35°C
1.4
MHr
Naval Sheltered
T
A = +35°C
685
kHr
Airborne Uninhabited Fighter
T
A = +35°C
211
kHr
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-20
2
TEMPERATURE
Specification
-25
+25
+65
°C
Storage
-50
+110
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com