Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHCT273 Datasheet(PDF) 1 Page - Texas Instruments

Part # AHCT273
Description  OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AHCT273 Datasheet(HTML) 1 Page - Texas Instruments

  AHCT273 Datasheet HTML 1Page - Texas Instruments AHCT273 Datasheet HTML 2Page - Texas Instruments AHCT273 Datasheet HTML 3Page - Texas Instruments AHCT273 Datasheet HTML 4Page - Texas Instruments AHCT273 Datasheet HTML 5Page - Texas Instruments AHCT273 Datasheet HTML 6Page - Texas Instruments AHCT273 Datasheet HTML 7Page - Texas Instruments AHCT273 Datasheet HTML 8Page - Texas Instruments AHCT273 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN54AHCT273, SN74AHCT273
OCTAL D-TYPE FLIP-FLOPS
WITH CLEAR
SCLS375E – JUNE 1997 – REVISED APRIL 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Contain Eight Flip-Flops With Single-Rail
Outputs
D Direct Clear Input
D Individual Data Input to Each Flip-Flop
D Applications Include:
– Buffer/Storage Registers
– Shift Registers
– Pattern Generators
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
description
These devices are positive-edge-triggered D-type
flip-flops with a direct clear (CLR) input.
Information at the data (D) inputs meeting the
setup time requirements is transferred to the
Q outputs on the positive-going edge of the clock
(CLK) pulse. Clock triggering occurs at a
particular voltage level and is not directly related
to the transition time of the positive-going pulse.
When CLK is at either the high or low level, the
D input has no effect at the output.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74AHCT273N
SN74AHCT273N
SOIC
DW
Tube
SN74AHCT273DW
AHCT273
SOIC – DW
Tape and reel
SN74AHCT273DWR
AHCT273
–40
°C to 85°C
SOP – NS
Tape and reel
SN74AHCT273NSR
AHCT273
SSOP – DB
Tape and reel
SN74AHCT273DBR
HB273
TSSOP – PW
Tape and reel
SN74AHCT273PWR
HB273
TVSOP – DGV
Tape and reel
SN74AHCT273DGVR
HB273
CDIP – J
Tube
SNJ54AHCT273J
SNJ54AHCT273J
–55
°C to 125°C
CFP – W
Tube
SNJ54AHCT273W
SNJ54AHCT273W
LCCC – FK
Tube
SNJ54AHCT273FK
SNJ54AHCT273FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2002, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54AHCT273 ...J OR W PACKAGE
SN74AHCT273 . . . DB, DGV, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
SN54AHCT273 . . . FK PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
2D
2Q
3Q
3D
4D
8D
7D
7Q
6Q
6D
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CLR
1Q
1D
2D
2Q
3Q
3D
4D
4Q
GND
VCC
8Q
8D
7D
7Q
6Q
6D
5D
5Q
CLK


Similar Part No. - AHCT273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AHCT240 TI-AHCT240 Datasheet
950Kb / 26P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
AHCT240I TI2-AHCT240I Datasheet
957Kb / 16P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED APRIL 2008
AHCT244 TI-AHCT244 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - AHCT273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
Octal D-Type Flip-Flops with Clear
logo
Renesas Technology Corp
RD74LVC273B RENESAS-RD74LVC273B Datasheet
81Kb / 9P
Octal D-type Flip-Flops with Clear
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
1446753 TI-1446753 Datasheet
592Kb / 16P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
Octal D-Type Flip-Flops With Clear
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com