Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VKA75LS02C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # VKA75LS02C
Description  75 Watt Single Output Half Brick DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VKA75LS02C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  VKA75LS02C Datasheet HTML 1Page - Murata Power Solutions Inc. VKA75LS02C Datasheet HTML 2Page - Murata Power Solutions Inc. VKA75LS02C Datasheet HTML 3Page - Murata Power Solutions Inc. VKA75LS02C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ambient Air Temperature (°C)
VKA75
xSzz -
Device Family
Indicates 75 Watt Regulated Unit
Model Number
Selected from Table of Electrical Characteristics
Where:
x = Input Voltage (L = 24VDC; M = 48VDC)
zz = Output Voltage (03=3.3V, 05=5V, etc.)
Lead Length
0.200” -
No Number
0.145” -
(6)
0.110” -
(8)
Remote On-Off Logic:
Positive - No Number
Negative - (1)
RoHS Compliant
C
Not all model configurations
are available. The following
are the defined and active
models:
VKA75LS05-1C
VKA75LS05C
VKA75LS12-1C
VKA75LS12C
VKA75LS15C
VKA75LS24C
VKA75MS03C
VKA75MS05C
VKA75MS12C
VKA75MS24C
MCD_VKA75C Series.D01 Page 3 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
VKA75xSC Series
75 Watt Single Output Half Brick DC/DC Converter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com