Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VKA75LS02C Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # VKA75LS02C
Description  75 Watt Single Output Half Brick DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VKA75LS02C Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  VKA75LS02C Datasheet HTML 1Page - Murata Power Solutions Inc. VKA75LS02C Datasheet HTML 2Page - Murata Power Solutions Inc. VKA75LS02C Datasheet HTML 3Page - Murata Power Solutions Inc. VKA75LS02C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.000
[25.40]
1.400
[35.56]
2.000
[50.80]
0.19 [4.8]
0.20 [5.1]
0.50 [12.7]
0.40 [10.16]
0.530 MAX
[13.46]
0.20 [5.1]
.040 [1.02] DIA.
7 PLACES
.081 [2.06] DIA.
2 PLACES
1.400
[35.56]
1.000
[25.40]
0.700
[17.78]
.400 [10.16]
1.900
[48.26]
2.28
[57.91]
MAX
MOUNTING INSERTS M3 X 0.5 THRU, 4 PLACES
MAX. TORQUE, 8 IN/LBS
2.40
[61.0]
MAX
MECHANICAL
Special attention should be given to the peak voltage
deviation during a dynamic load step when trimming the
output above the original set point to avoid tripping the
overvoltage protection circuit. Should an OVP condition
occur, the converter will go into a latch condition and
must be externally reset before it will return to normal
operation.
This feature allows the user to accurately adjust the module’s
output voltage set point to a specified level. This is achieved
by connecting a resistor or potentiometer from the TRIM
terminal to either the +Vout terminal (for increased Vout) or
the -Vout terminal (for decreased Vout). The formulae below
describe the trim resistor value to obtain a Vout change of
Δ%. VO is output voltage prior to adjustment (3.3V, 5V, 12V,
15V, or 24V).
Radj - up =
( Vo(100 + Δ%) _ (100 + 2Δ%) ) Ω
1.225
Δ%
Δ%
Radj - down =
(100 - 2) Ω
Δ%
NOTES:
All dimensions are in inches (millimeters).
PIN PLACEMENT TOLERANCE: ± 0.005”
MECHANICAL TOLERANCE: ± 0.015”
Marked with: specific modeL ordered, date code, job code.
MATERIAL: Units are encapsulated in a low thermal resistance
molding compound which has excellent chemical resistance
and electrical properties in high humidity environments and
over a wide operating temperature range. The encapsulant
and outer shell of the unit have UL94V-0 ratings. Lead material
is brass; lead finish is matte tin (100-300 micro-inches) over a
nickel barrier layer (5-40 micro-inches).”
OUTPUT ADJUST VOLTAGE
OVP NOTE
VKA75xSC
MCD_VKA75C Series.D01 Page 4 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
VKA75xSC Series
75 Watt Single Output Half Brick DC/DC Converter
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Tucson (Az), Tel: (800) 547 2537, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
03/04/08



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com