Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL12UI Datasheet(PDF) 2 Page - Communications & Power Industries, Inc.

Part # TL12UI
Description  1.25 kW SuperLinear TWT Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

TL12UI Datasheet(HTML) 2 Page - Communications & Power Industries, Inc.

  TL12UI Datasheet HTML 1Page - Communications & Power Industries, Inc. TL12UI Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ku-Band
For more detailed information, please refer to the corresponding CPI Technical Description.
Note: Specifications may change without notice as a result of additional data or product refinement.
Please contact CPI before using this information for system design.
MKT 232, ISSUE 7
03/09
PDF
SPECIFICATIONS, TL12UI
Electrical
Frequency
13.75 to 14.50 GHz
TWT Output Power
1.25 kW peak, 625 W average
Flange Output Power (Linear)
Optimized for IM3 = -26 dBc at
540 W output power (with linearizer),
or IM3 = -26 dBc at 215 W output
power (without linearizer)
Flange Output Power (max)
540W
Bandwidth
750 MHz
Gain
70 dB min. at 540 W output power
70 dB min. at 50 W output power
RF Level Adjust
0 to 30 dB continuous
Output Power Adjustability
±0.1 dB
Gain Stability
±0.25 dB/24 hr max.
(at constant drive and temp.)
Small Signal Gain Slope
±0.02 dB/MHz max.
Small Signal Gain Variation
0.5 dB pk-pk max. over any 80 MHz;
1.0 dB pk-pk max. over any 80MHz
with linearizer option;
3.0 dB pk-pk max. across 750 MHz;
4.0 dB pk-pk max. across 750 MHz
with linearizer option;
5.0 dB pk-pk max. across 750 MHz
with BUC option;
6.0 dB pk-pk max. across 750 MHz
with BUC and linearizer options
Input/Output VSWR
1.30:1 max.
Load VSWR
1.5:1 max. for full spec compliance;
any value without damage;
2.0:1 continuous operation
Phase Noise1
IESS-308/309
phase noise continuous
12 dB below mask
AC fundamentals related
-50 dBc
Sum of spurs
-47 dBc
Noise and Spurious
<-130 dBW/4 kHz, below 12.7 GHz
(below 11.7 GHz w/ 12.75 GHz config.)
<-65 dBW/4 kHz, passband to 18.0 GHz
(<-60 dBW/4 kHz with linearizer)
<-105 dBW/4 KHz, 18.0 to 26.0 GHz
<-125 dBW/4 kHz, 26.0 to 40.0 GHz
AM/PM Conversion
2.0°/dB max. for single carrier at
8 dB OBO (at 3 dB OBO with
optional linearizer
Harmonic Output
-60 dBc
Intermodulation
-26 dBc max. with linearizer at 540 W
(with two equal carriers)
output power (-26 dBc without linearizer
at 215 W output power)
Electrical (continued)
Group Delay
0.01 ns/MHz linear
(in any 80 MHz band)
0.001 ns/MHz2 parabolic
0.5 ns pk-pk ripple max.
Primary Power2
All ratings are ±10%, 47-63 Hz, 5-wire,
3-phase with neutral and ground
200 to 240 VAC (without neutral)
380 to 415 VAC
Power Factor
0.95 min.
Power Consumption
2.6 kVA max. at 540 W output power
(2.3 kVA typ.)
Environmental
Ambient Temperature
-10° to +50°C operating
-20° to +70°C non-operating
Relative Humidity
95% non-condensing
Altitude
Up to 10,000 ft (3000 m) with standard
adiabatic derating of 2°/1000 ft.;
50,000 feet non-operating
Shock and Vibration
Designed for normal transportation
environment per Section 514.4
MIL-STD-810E. Designed to withstand
20g at 11 ms (1/2 sine pulse) in
non-operating condition
Heat Dissipation
2000 W max.
Mechanical
Cooling(TWT)
Forced air with integral blower.
Maximum external pressure loss
allowable: 0.25 inch water gauge.
RF Input Connection
Type N female
RF Output Connection
WR-75G waveguide flange,
grooved, threaded UNF 2B 6-32
RF Power Monitors
Type N female
Dimensions (W x H x D)
19 x 15.75 x 24 in.
(483 x 400 x 610 mm)
Weight
155 lbs. (70.5 kg) max.
1Prime power AC line unbalance not to exceed 3%. Excess imbalance may cause
an increase in residual RF noise (AM, FM and PM). Phase noise increase is typically 2.5 dB / %
imbalance.
2AC current harmonic content: less than 20%, primarily fifth and seventh harmonics. Harmonics
must be considered when choosing UPS sources.
OPTIONS &
COMP ANION
PRODUCTS:
• Integral Linearizer
• Remote Control Panel
• Redundant and Power
Combined Subsystems
• External Receive Band
Reject Filter
• Integral L-Band Block
Upconverter (BUC)
• Extended Frequency
(12.75 to 14.50 GHz)
Certificate Number: 30515



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com