Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL12UI Datasheet (PDF) - Communications & Power Industries, Inc.

TL12UI Datasheet PDF - Communications & Power Industries, Inc.
Part # TL12UI
Download  TL12UI Download
File Size   157.54 Kbytes
Page   2 Pages
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.
Description 1.25 kW SuperLinear TWT Amplifier

TL12UI Datasheet (PDF)

Go To PDF Page Download Datasheet
TL12UI Datasheet PDF - Communications & Power Industries, Inc.

Part # TL12UI
Download  TL12UI Click to download

File Size   157.54 Kbytes
Page   2 Pages
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.
Description 1.25 kW SuperLinear TWT Amplifier

TL12UI Datasheet (HTML) - Communications & Power Industries, Inc.




Similar Part No. - TL12UI

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
logo
Transko Electronics, In...
TL12020CD1 TRANSKO-TL12020CD1 Datasheet
627Kb / 4P
120.00 MHz IF SAW Filter / 20.10 MHz Bandwidth
Revision 0: 23 Jun. 2008
TL12022AV TRANSKO-TL12022AV Datasheet
664Kb / 4P
120.0 MHz IF SAW Filter / 19.5 MHz Bandwidth
Revision 0: 16 Jan. 2008
TL12022BS TRANSKO-TL12022BS Datasheet
635Kb / 4P
120.00 MHz IF SAW Filter / 21.85 MHz Bandwidth
Revision 0: 22 Aug. 2011
TL12024AV TRANSKO-TL12024AV Datasheet
628Kb / 4P
120.0 MHz IF SAW Filter / 24.21 MHz Bandwidth
Revision 0: 28 May 2009
More results


Similar Description - TL12UI

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
TL22XI CPI-TL22XI Datasheet
170Kb / 2P
2.25 and 2.50 kW SuperLinear TWT Amplifiers
VTC-6369D4 CPI-VTC-6369D4 Datasheet
96Kb / 1P
2.25 kW, C-Band Helix TWT Series
VVM347904 CPI-VVM347904 Datasheet
396Kb / 1P
TWT Amplifier
VZX-6986J4 CPI-VZX-6986J4 Datasheet
369Kb / 2P
CPI 2.25/2.50 kW TWT X-Band HPA
TL22CI CPI-TL22CI Datasheet
158Kb / 2P
CPI 2.25 kW SuperLineartm TWT Amplifier
VTC-6368L4 CPI-VTC-6368L4 Datasheet
96Kb / 1P
2.25 kW Peak, 1.2 kW Avg C-Band Helix TWT Series
VTC-6369C2 CPI-VTC-6369C2 Datasheet
96Kb / 1P
2.25 kW, C-Band Helix TWT Series
VTC-6369C6 CPI-VTC-6369C6 Datasheet
95Kb / 1P
2.0 to 2.25 kW, C-Band Helix TWT
VTC-6369D3 CPI-VTC-6369D3 Datasheet
98Kb / 1P
2.25 kW, C-Band Helix TWT Series
VTU-5191A8 CPI-VTU-5191A8 Datasheet
86Kb / 1P
1 kW, Pulsed Helix TWT Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com