Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP135 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # TIP135
Description  POWER TRANSISTORS(8.0A,60-100V,70W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

TIP135 Datasheet(HTML) 1 Page - Mospec Semiconductor

  TIP135 Datasheet HTML 1Page - Mospec Semiconductor TIP135 Datasheet HTML 2Page - Mospec Semiconductor TIP135 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - TIP135

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIP135 POINN-TIP135 Datasheet
144Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP135 STMICROELECTRONICS-TIP135 Datasheet
36Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1999
logo
Transys Electronics
TIP135 TRSYS-TIP135 Datasheet
719Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP135 STMICROELECTRONICS-TIP135 Datasheet
41Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1995
logo
TRANSYS Electronics Lim...
TIP135 TEL-TIP135 Datasheet
72Kb / 2P
PLASTIC POWER TRANSISTORS
More results

Similar Description - TIP135

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6738 MOSPEC-2N6738 Datasheet
147Kb / 3P
POWER TRANSISTORS(8.0A,100W)
BDV66 MOSPEC-BDV66 Datasheet
102Kb / 3P
POWER TRANSISTORS(16A,60-100V,125W)
BDX33 MOSPEC-BDX33 Datasheet
92Kb / 2P
POWER TRANSISTORS(10A,70W)
BUV46 MOSPEC-BUV46 Datasheet
115Kb / 3P
POWER TRANSISTORS(6A,400-450V,70W)
MJ4030 MOSPEC-MJ4030 Datasheet
125Kb / 3P
POWER TRANSISTORS(16A,60-100V,150W)
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
TIP110 MOSPEC-TIP110 Datasheet
146Kb / 3P
POWER TRANSISTORS(2.0A,60-100V,50W)
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
TIP140 MOSPEC-TIP140 Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,125W)
TIP140T MOSPEC-TIP140T Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,80W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com