Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

108LMB080M2CC Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part # 108LMB080M2CC
Description  105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108LMB080M2CC Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

  108LMB080M2CC Datasheet HTML 1Page - Illinois Capacitor, Inc. 108LMB080M2CC Datasheet HTML 2Page - Illinois Capacitor, Inc. 108LMB080M2CC Datasheet HTML 3Page - Illinois Capacitor, Inc. 108LMB080M2CC Datasheet HTML 4Page - Illinois Capacitor, Inc. 108LMB080M2CC Datasheet HTML 5Page - Illinois Capacitor, Inc. 108LMB080M2CC Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
134
®
LMB
STANDARD PART LISTING
PART
NUMBER
WVDC
Capacitance
(µF)
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
Dimensions
DxL
(mm)
Maximum
ESR
Ω
120Hz,+20°C
PART
NUMBER
WVDC
Capacitance
(µF)
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
Dimensions
DxL
(mm)
Maximum
ESR
Ω
120Hz,+20°C
2200
63
228LMB063M2BE
0.188
1.8
22x35
2200
63
228LMB063M2CD
0.188
1.35
25x30
2200
63
228LMB063M2DC
0.188
1.73
30x25
2200
80
228LMB080M2BH
0.151
2.04
22x50
2200
80
228LMB080M2CE
0.151
1.98
25x35
2200
80
228LMB080M2DD
0.151
2.05
30x30
2200
80
228LMB080M2EC
0.151
1.61
35x25
2200
100
228LMB100M2CG
0.151
2.55
25x45
2200
100
228LMB100M2DE
0.151
2.56
30x35
3300
25
338LMB025M2BC
0.201
1.34
22x25
3300
35
338LMB035M2BC
0.176
1.43
22x25
3300
35
338LMB035M2CC
0.176
1.36
25x25
3300
50
338LMB050M2BE
0.151
1.94
22x35
3300
50
338LMB050M2CD
0.151
1.98
25x30
3300
50
338LMB050M2DC
0.151
1.5
30x25
3300
63
338LMB063M2BG
0.126
2.31
22x45
3300
63
338LMB063M2CE
0.126
2.23
25x35
3300
63
338LMB063M2DD
0.126
2.19
30x30
3300
63
338LMB063M2EC
0.126
1.73
35x25
3300
80
338LMB080M2CG
0.100
2.74
25x45
3300
80
338LMB080M2DE
0.100
2.75
30x35
3300
80
338LMB080M2ED
0.100
2.70
35x30
3300
100
338LMB100M2DG
0.100
3.3
30x45
3300
100
338LMB100M2EE
0.100
3.28
35x35
4700
16
478LMB016M2BC
0.176
1.36
22x25
4700
25
478LMB025M2BC
0.141
1.58
22x25
4700
25
478LMB025M2CC
0.141
1.51
25x25
4700
35
478LMB035M2BE
0.123
2
22x35
4700
35
478LMB035M2CC
0.123
1.73
25x25
4700
35
478LMB035M2DC
0.123
1.56
30x25
4700
50
478LMB050M2BG
0.106
2.54
22x45
4700
50
478LMB050M2CE
0.106
2.58
25x35
4700
50
478LMB050M2DD
0.106
2.53
30x30
4700
50
478LMB050M2EC
0.106
1.86
35x25
4700
63
478LMB063M2CH
0.088
2.93
25x50
4700
63
478LMB063M2DE
0.088
2.9
30x35
4700
63
478LMB063M2ED
0.088
2.81
35x30
4700
80
478LMB080M2DH
0.071
3.5
30x50
4700
80
478LMB080M2EF
0.071
3.5
35x40
4700
100
478LMB100M2EG
0.088
4.12
35x45
6800
16
688LMB016M2BC
0.122
1.74
22x25
6800
16
688LMB016M2CD
0.122
1.67
25x30
6800
25
688LMB025M2BD
0.098
1.85
22x30
6800
25
688LMB025M2CC
0.098
1.88
25x25
6800
25
688LMB025M2DC
0.098
1.75
30x25
6800
35
688LMB035M2BF
0.085
2.35
22x40
6800
35
688LMB035M2CE
0.085
2.27
25x35
6800
35
688LMB035M2DD
0.085
2.3
30x30
6800
35
688LMB035M2EC
0.085
1.96
35x25
6800
50
688LMB050M2CG
0.073
3.32
25x45
6800
50
688LMB050M2DE
0.073
3.34
30x35
6800
50
688LMB050M2ED
0.073
3.25
35x30
6800
63
688LMB063M2EF
0.061
3.68
35x40
6800
63
688LMB063M2DG
0.061
3.71
30x45
6800
80
688LMB080M2EH
0.061
4.12
35x50
10000
16
109LMB016M2BD
0.083
2.09
22x30
10000
16
109LMB016M2CC
0.083
2.05
25x25
10000
16
109LMB016M2DC
0.083
1.77
30x25
10000
25
109LMB025M2BF
0.066
2.6
22x40
10000
25
109LMB025M2CE
0.066
2.55
25x35
10000
25
109LMB025M2DD
0.066
2.6
30x30
10000
25
109LMB025M2EC
0.066
2.15
35x25
10000
35
109LMB035M2CG
0.058
3
25x45
10000
35
109LMB035M2DE
0.058
2.95
30x35
10000
35
109LMB035M2ED
0.058
2.2
35x30
10000
50
109LMB050M2DG
0.058
4.04
30x45
10000
50
109LMB050M2EF
0.058
4.02
35x40
10000
63
109LMB063M2EH
0.058
4.64
35x50
15000
16
159LMB016M2CE
0.055
2.6
25x35
15000
16
159LMB016M2DC
0.055
2.5
30x25
15000
16
159LMB016M2ED
0.055
2.36
35x30
15000
25
159LMB025M2CG
0.044
3.25
25x45
15000
25
159LMB025M2DE
0.044
3.1
30x35
15000
25
159LMB025M2ED
0.044
3.25
35x30
15000
35
159LMB035M2DG
0.039
3.7
30x45
15000
35
159LMB035M2EF
0.039
3.65
35x40
15000
50
159LMB050M2EH
0.039
4.73
35x50
22000
16
229LMB016M2DE
0.038
3.35
30x35
22000
16
229LMB016M2ED
0.038
3.2
35x30
22000
25
229LMB025M2DG
0.030
2.44
30x45
22000
25
229LMB025M2EE
0.030
3.95
35x35
33000
16
339LMB016M2EE
0.025
4.21
35x35
33000
25
339LMB025M2EH
0.020
5.47
35x50
+ 105°C 3000 hour
Snap-Mount Aluminum
Electrolytic Capacitors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com