Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

108LMB080M2CC Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 108LMB080M2CC
Description  105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108LMB080M2CC Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  108LMB080M2CC Datasheet HTML 1Page - Illinois Capacitor, Inc. 108LMB080M2CC Datasheet HTML 2Page - Illinois Capacitor, Inc. 108LMB080M2CC Datasheet HTML 3Page - Illinois Capacitor, Inc. 108LMB080M2CC Datasheet HTML 4Page - Illinois Capacitor, Inc. 108LMB080M2CC Datasheet HTML 5Page - Illinois Capacitor, Inc. 108LMB080M2CC Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
130
®
LMB
+ 105°C 3000 hour
Snap-Mount Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
WVDC
(SV)
µF
DxL(mm)
Convert to inches, divide by 25.4.
16
25
35
50
63
80
100
160
200
250
350
400
450
(20)
(32)
(44)
(63)
(79)
(100)
(125)
(200)
(250)
(300)
(400)
(450)
(500)
47
22x25
68
22x25
22x30
25x25
82
22x25 22x30
22x35
25x25
25x30
100
22x30 22x30
22x35
25x25 25x25
25x35
30x25
120
22x30 22x35
22x45
25x25 25x25
25x35
30x25
30x30
35x25
150
22x35 22x40
25x40
25x30 25x30
30x35
30x25 30x25
35x30
180
22x40 22x45
25x40
25x35 25x35
30x35
30x30 30x30
35x30
35x25
220
22x25 22x25 22x50
25x40
30x35
25x25 25x40
30x30
35x35
30x30
35x25
35x25
270
22x25 22x35 25x45 25x45
35x35
25x25 30x35 30x35
30x45
35x30 35x30
330
22x25 22x30 22x35 25x50 30x40
35x45
25x25 25x30 30x40 35x30
30x25 35x30
390
22x30
22x35 22x40 30x45 35x35
35x50
25x25
25x25 25x35 35x35
30x25
470
22x30
22x40 22x50 35x40 35x40
25x25
25x30 25x40
30x25 30x30
35x25
560
22x35
22x40 25x45 35x45
35x45
25x30
25x35 30x35
30x25
30x30 35x25
680
22x40
22x45 25x50
25x35
25x35 30x35
30x25
30x30 35x30
35x25
820
22x45
25x45 30x45
25x35
30x30 35x35
30x30
35x30
35x25



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com