Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDBFS330 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # PDBFS330
Description  Enclosed Power Distribution Block Offer High SCCR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PDBFS330 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  PDBFS330 Datasheet HTML 1Page - Cooper Bussmann, Inc. PDBFS330 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2007 Cooper Bussmann • St. Louis, MO 63178
636-394-2877 • www.cooperbussmann.com
Printed in USA
Reorder # 3137
1-07-5M
Cooper Bussmann UL Listed PDBs With High SCCRs
Feature/Benefits
• UL Listed 1953. File E256146
• CSA Certified, Class 6228-01, File 15364
• 600Vac or dc (UL1953), 690Vac or dc (IEC)
• SCCR up to 200,000kA, see table for details
• Single pole, gang for multiple pole applications with
accessory part 2A1279 interlocking dovetail
• Datasheet #1049 located at www.cooperbussmann.com
Terminal Copper Conductor Capability
Short-Circuit Current Rating Data
Line
Load
Configuration
Conductors
Max Fuse Class & Amp**
Catalog
Number
Openings per Pole
Line
Load
J
T
RK1
RK5
(All Single
Amps
Wire Range
Wire Range
AWG or
AWG or
LPJ
JJS
LPS-RK
FRS-R
SCCR
Pole)
Line
Load
kcmil
kcmil
JJN
LPN-RK
FRN-R
PDBFS204
175A
2/0 - 8 AWG
2/0 - 8 AWG
2/0 - 8
2/0 - 8
200
200
100
60
200kA
70 - 10 mm
2
70 - 10 mm
2
2/0 - 8 AWG
4 - 14 AWG
4 - 12
200
200
100†
60†
200kA
PDBFS220
175A
70 - 10 mm
2
25 - 2.5 mm
2
2/0 - 8
4 - 14
175† 175†
100†
60†
100kA
200† 200†
100†
60†
50kA
350kcmil - 6 AWG
350kcmil - 6 AWG
PDBFS303
310A
150 - 16 mm
2
150 - 16 mm
2
350 - 6
350 - 6
400
400
200
100
200kA
500kcmil - 6 AWG
2 - 14 AWG
2 - 6
400
400
200†
100†
200kA
PDBFS330
380A
240 - 16 mm
2
35 - 2.5 mm
2
500 - 6
2 - 14
200† 200†
100†
30†
50kA
175† 175†
100†
30†
100kA
300kcmil - 4 AWG
4 - 14 AWG
300
4 - 8
600
600
400†
200†
200kA
PDBFS377
570A
150 - 12 mm
2
25 - 2.5 mm
2
300 - 4
4
600† 600†
400†
200†
50kA
4 - 14
200† 200†
100†
30†
50kA
PDBFS500
620A
350kcmil - 4 AWG
350kcmil - 4 AWG
350
350
600
600
400
200
200kA
185 - 12 mm
2
185 - 12 mm
2
350 - 4
350 - 4
600
800
600
200
100kA
500kcmil - 6 AWG
500kcmil - 6 AWG
500
500
600
800*
600
400
200kA
PDBFS504
760A
240 - 16 mm
2
240 - 16 mm
2
600
800*
600
600
100kA
500 - 6
500 - 6
600
600
400
200
100kA
Ampacities 75C per NEC® Table 310.16 and UL508A Table 28.1
*Class L 800A (KRP-C 800_SP) or less fuses suitable for this particular SCCR case.
** Class G 60A (SC-60) or less or Class CC 30A (LP-CC-30, FNQ-R-30, KTK-R-30) or less are suitable for all these SCCRs in this table.
† Higher SCCR may be available, check latest datasheet 1049.
Series PDBFS
Dimensions inches (mm)
Part No.
Width (A)
Length (B)
Height (C)
PDBFS204
1.030 (26.16)
3.372 (94.80)
2.146 (54.50)
PDBFS220
1.030 (26.16)
3.372 (94.80)
2.146 (54.50)
PDBFS303
1.550 (39.37)
4.665 (118.50)
2.874 (73.00)
PDBFS330
1.550 (39.37)
4.665 (118.50)
2.874 (73.00)
PDBFS377
1.875 (47.62)
4.665 (118.50)
2.933 (74.50)
PDBFS500
2.380 (60.45)
4.665 (118.50)
2.598 (66.00)
PDBFS504
2.560 (65.02)
4.665 (118.50)
3.150 (80.00)
UL Listed 1953 vs. UL Recognized 1059
Listed products require simply checking to ensure that the
product is used in accordance with its listing and labeling.
However, for recognized products, such as power terminal
blocks, the “Conditions of Acceptability” must be
investigated to ensure the product is suitable for the specific
application, and then the procedure description must be
documented in the manufacturer’s procedure for the
assembly.
For additional information see Datasheet #1049 located at www.cooperbussmann.com/products/datasheet.asp
H
A
B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com