Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDBFS330 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # PDBFS330
Description  Enclosed Power Distribution Block Offer High SCCR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

PDBFS330 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  PDBFS330 Datasheet HTML 1Page - Cooper Bussmann, Inc. PDBFS330 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UL Listed, IP-20 Enclosed
Power Distribution Block
Offer High SCCR
New 2005 NEC® and UL508A SCCR marking requirements state that
the following equipment must be marked with an assembly SCCR:
• Industrial Control Panels [409.110]
• Industrial Machinery Electrical Panels [670.3(A)]
• Certain HVAC Equipment [440.4(B)]
This SCCR is based on the lowest-rated component, or weakest link,
in the assembly. Unmarked power distribution blocks will default to a
rating of 10kA. The new Cooper Bussmann® enclosed Series PDBFS
offers both high SCCR and enhanced shock protection.
• UL Listing Meets Requirements Eliminating
Investigation and Procedures
Listed to UL1953 for minimum spacing requirements of at least 1˝
through air and 2˝ over surface as required for UL508A industrial
control panel feeder applications. See back page.
• High SCCR
Up to 200kA rating enables the power distribution block to be one
of the highest rated devices in the panel. This helps achieve a high
assembly SCCR.
• Enclosed for Enhanced Electrical Safety
Safer work conditions. IP-20 finger-safe under specific conditions.
• Easy Panel Mounting
Gangable for flexible multi-pole installations, plus small footprint for
tight spacing.
• Simple and Fast Installation
DIN rail mount or panel mount, (See datasheet 1049). Captive
terminal screws are backed out at the factory.
• Meet Wireway Requirements
Series PDBFS can be used to meet the new 2005 NEC® 376.56(B)
requirement.
Maximize Short-Circuit
Current Rating While
Improving Safety
Power Distribution Block


Similar Part No. - PDBFS330

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PDBFS330 COOPER-PDBFS330 Datasheet
1Mb / 23P
Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
More results

Similar Description - PDBFS330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
14002-3 ETC1-14002-3 Datasheet
637Kb / 2P
high SCCR barrier terminal block
EPBCP84 ETC1-EPBCP84 Datasheet
266Kb / 4P
ENCLOSED POWER DISTRIBUTION BLOCK
3/17/2021
logo
Marathon Special Produc...
134X360 MARATHON-134X360 Datasheet
726Kb / 3P
Power Distribution Block 134x360
11/09/2023
134X526 MARATHON-134X526 Datasheet
528Kb / 4P
Power Distribution Block 134x526
09/25/23
134X580 MARATHON-134X580 Datasheet
441Kb / 4P
POWER DISTRIBUTION BLOCK 134x580
12/20/2021
134X585 MARATHON-134X585 Datasheet
540Kb / 4P
POWER DISTRIBUTION BLOCK 134x585
12/20/2021
134X595 MARATHON-134X595 Datasheet
370Kb / 4P
POWER DISTRIBUTION BLOCK 134x595
12/20/2021
134X597 MARATHON-134X597 Datasheet
363Kb / 4P
POWER DISTRIBUTION BLOCK 134x597
12/20/2021
135X704 MARATHON-135X704 Datasheet
262Kb / 4P
POWER DISTRIBUTION BLOCK 135X704
REV- F 11/25/2019
135X708 MARATHON-135X708 Datasheet
282Kb / 4P
POWER DISTRIBUTION BLOCK 135X708
REV-F 11/25/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com