Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106RLS050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 106RLS050M
Description  85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106RLS050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  106RLS050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 106RLS050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 106RLS050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
87
®
Ripple Current Multipliers
+45
1.8
Capacitance (µF)
I Alternative to Tantalum Capacitors
I Low Leakage Current
I Capacitance Range: .1 µF to 1,000 µF
I Voltage Range: 10 WVDC to 50 WVDC
I Solvent Tolerant End Seals Standard
FEATURES
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
-40°C to +85°C
±20% at 120Hz, 25°C
Shelf Life
1,000 hours at + 85°C with no voltage applied.
Units will meet load life specification
Load Life
2,000 hours, at 85°C with rated voltage
Impedance Ratio
(Max.) 120Hz
-25°C/25°C
-40°C/25°C
3
2
2
22
64
4
3
3
WVDC
10
16
25
35
50
.2
.16
.14
.12
.10
Dissipation Factor
120Hz, 25°C
tan
δ
WVDC
2 minutes
Leakage Current
.002CV or .4µA
whichever is greater
≤ 50 WVDC
WVDC
≤ 20% of initial measured value
≤ 200% of initial specified value
≤ initial specified value
Capacitance change
Dissipation factor
Leakage current
RLS
+85°C Low Leakage
Radial Lead
Aluminum Electrolytic
Capacitors
For timing applications
Frequency (Hz)
C
≤ 10
10 < C
≤ 100
100 < C
≤ 1000
50
120
400
1K
10K
100K
0.8
0.8
0.8
1.0
1.0
1.0
1.3
1.23
1.16
1.45
1.36
1.25
1.65
1.48
1.35
1.7
1.53
1.38
C > 1000
0.8
1.0
1.11
1.17
1.25
1.28
Temperature (°C)
+85
1.0
+70
1.3
+60
1.5
1.0
1.0
1.0
1.8
1.8
1.8
1.3
1.3
1.3
1.5
1.5
1.5
Time
10
16
25
35
50
SPECIAL ORDER OPTIONS
• Special tolerances: ±10% (K), -10% + 30% (Q) • Tape and Reel/Ammo-Pack • Cut, Formed, Cut and Formed, and Snap In Leads
(See pages 33 thru 37)


Similar Part No. - 106RLS050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106RLS050M ILLINOISCAPACITOR-106RLS050M Datasheet
231Kb / 2P
85C Low Leakage Height Aluminum Electrolytic Capacitors
More results

Similar Description - 106RLS050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
85째C Low Leakage Current Aluminum Electrolytic Capacitors
474PBM050M ILLINOISCAPACITOR-474PBM050M Datasheet
413Kb / 2P
85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
475PUM050M ILLINOISCAPACITOR-475PUM050M Datasheet
91Kb / 2P
85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M Datasheet
389Kb / 3P
85째C 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
013RLC VISHAY-013RLC_16 Datasheet
108Kb / 7P
Aluminum Electrolytic Capacitors Radial Low Leakage Current
15-Jul-16
013RLC VISHAY-013RLC_V01 Datasheet
90Kb / 7P
Aluminum Electrolytic Capacitors Radial Low Leakage Current
15-Jul-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com