Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106RLS050M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 106RLS050M
Description  85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106RLS050M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  106RLS050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 106RLS050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 106RLS050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Capacitance
(µF)
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
89
®
PART
NUMBER
WVDC
Maximum
ESR
Ω
120Hz,+25°C
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
PART
NUMBER
WVDC
Maximum
ESR
Ω
120Hz,+25°C
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
Dimensions
DxL
(mm)
Capacitance
(µF)
RLS
+ 85°C Low Leakage
Radial Lead Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
5x11
6.3x11
5x11
5x11
5x11
8x11
6.3x11
5x11
5x11
6.3x11
6.3x11.5
5x11
6.3x11
8x11.5
5x11
6.3x11
6.3x11
Dimensions
DxL
(mm)
8x11.5
6.3x11
8x11.5
10x12.5
6.3x11
8x11.5
8x11.5
10x12.5
10x16
8x11.5
10x12.5
10x16
10x20
8x11.5
10x12.5
10x16
10x20
12.5x20
10x12.5
10x16
10x20
12.5x20
10x16
10x20
12.5x20
0.1
50
104RLS050M
1657.86
6
0.15
50
154RLS050M
1105.243
7
0.22
50
224RLS050M
753.575
8
0.33
50
334RLS050M
502.383
9
0.47
50
474RLS050M
352.737
10
0.68
50
684RLS050M
243.804
10
1.0
50
105RLS050M
165.786
19
1.5
50
155RLS050M
110.524
28
2.2
50
225RLS050M
75.357
33
3.3
50
335RLS050M
50.238
38
4.7
50
475RLS050M
35.274
50
6.8
50
685RLS050M
24.380
63
10
35
106RLS035M
19.894
57
10
50
106RLS050M
16.579
80
15
35
156RLS035M
13.263
70
15
50
156RLS050M
11.052
110
22
16
226RLS016M
12.057
75
22
25
226RLS025M
10.550
81
22
35
226RLS035M
9.043
100
22
50
226RLS050M
7.536
140
33
16
336RLS016M
8.038
95
33
35
336RLS035M
6.029
120
33
50
336RLS050M
5.024
170
47
10
476RLS010M
7.055
105
47
16
476RLS016M
5.644
125
47
25
476RLS025M
4.938
136
47
50
476RLS050M
3.527
230
68
16
686RLS016M
3.901
150
68
35
686RLS035M
2.926
200
68
50
686RLS050M
2.438
295
100
10
107RLS010M
3.316
160
100
16
107RLS016M
2.653
212
100
25
107RLS025M
2.321
220
100
35
107RLS035M
1.989
255
100
50
107RLS050M
1.658
400
150
16
157RLS016M
1.768
255
150
25
157RLS025M
1.547
265
150
35
157RLS035M
1.326
295
150
50
157RLS050M
1.105
450
220
10
227RLS010M
1.507
274
220
16
227RLS016M
1.206
322
220
25
227RLS025M
1.055
375
220
35
227RLS035M
0.904
442
220
50
227RLS050M
0.754
550
330
10
337RLS010M
1.005
355
330
16
337RLS016M
0.804
425
330
25
337RLS025M
0.703
500
330
35
337RLS035M
0.603
595
470
10
477RLS010M
0.705
460
470
16
477RLS016M
0.564
505
1000
10
108RLS010M
0.332
805



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com