Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

104TLS050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 104TLS050M
Description  85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104TLS050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  104TLS050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 104TLS050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 104TLS050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
108
®
I Alternative to Tantalum Capacitors
I Capacitance range: .1 µF to 100 µF
I Long life
I Voltage range: 10 WVDC to 50 WVDC
I Solvent Tolerant End Seals Standard
FEATURES
TLS
+85°C Low Leakage
Axial Lead
Aluminum Electrolytic
Capacitors
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
SPECIAL ORDER OPTIONS
• Special tolerances: ±10% (K), -10% + 30%(Q) • Tape and Reel • Epoxy end seal • Polyester Sleeve
-40°C to +85°C
Leakage Current
±20% at 120Hz, 20°C
Shelf Life
1000 hours at +85°C with no voltage applied.
Units will meet load life specification
Load Life
2,000 hours at + 85°C with rated voltage
Impedance Ratio
(Max.) @120Hz
WVDC
-25°C/20°C
-40°C/20°C
3
2
2
2
2
6
4
4
3
3
10
16
25
35
50
10
16
25
35
50
.20
.16
.14
.12
.10
Dissipation Factor
120Hz, 20°C
tan
δ
WVDC
2 minutes
<.002 CV or .4µA
whichever is greater
Time
WVDC
≤ 50 WVDC
< 20% of initial measured value
<200% of initial specified value
<Initial specified value
Capacitance change
Dissipation factor
Leakage current
For all timing applications
(See Pages 33 thru 37)
Ripple Current Multipliers
C
≤10
10<C
≤100
50
120
400
1K
10K
50K
0.8
0.8
1.0
1.0
1.3
1.23
1.45
1.36
1.65
1.48
1.7
+85
1.0
1.0
+70
1.3
1.3
+60
1.5
1.5
+30
1.8
1.8
Frequency (Hz)
Capacitance (µF)
Temperature Multiplier (°C)
1.53


Similar Part No. - 104TLS050M

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
104TL1-1 HONEYWELL-104TL1-1 Datasheet
7Mb / 17P
Military-Grade Toggle Switches
October 2013
104TL1-111A HONEYWELL-104TL1-111A Datasheet
7Mb / 17P
Military-Grade Toggle Switches
October 2013
104TL1-12 HONEYWELL-104TL1-12 Datasheet
7Mb / 17P
Military-Grade Toggle Switches
October 2013
104TL1-12G HONEYWELL-104TL1-12G Datasheet
7Mb / 17P
Military-Grade Toggle Switches
October 2013
104TL1-12L HONEYWELL-104TL1-12L Datasheet
7Mb / 17P
Military-Grade Toggle Switches
October 2013
More results

Similar Description - 104TLS050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
85째C Low Leakage Current Aluminum Electrolytic Capacitors
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
475PUM050M ILLINOISCAPACITOR-475PUM050M Datasheet
91Kb / 2P
85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M Datasheet
389Kb / 3P
85째C 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
85째C Standard Axial Lead Aluminum Electrolytic Capacitors
logo
RFE international
TL331M1HBK130270 RFE-TL331M1HBK130270 Datasheet
88Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS TL & TLA Series: Axial Low Leakage
logo
Illinois Capacitor, Inc...
105TLS050M ILLINOISCAPACITOR-105TLS050M_13 Datasheet
187Kb / 2P
85C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com