Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

104TLS050M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 104TLS050M
Description  85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104TLS050M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  104TLS050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 104TLS050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 104TLS050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
110
®
PART
NUMBER
WVDC
Maximum
ESR
Ω
120Hz,+20°C
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
Dimension
D x L
(mm)
PART
NUMBER
WVDC
Maximum
ESR
Ω
120Hz,+20°C
Capacitance
(µF)
TLS
+ 85°C Low Leakage
Axial Lead Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
Dimension
D x L
(mm)
Capacitance
(µF)
.10
50
104TLS050M
1657.9
4
.15
50
154TLS050M
1105.2
5
.22
50
224TLS050M
753.57
6
.33
50
334TLS050M
502.38
7
.47
50
474TLS050M
352.94
10
.68
50
684TLS050M
243.8
14
1.0
50
105TLS050M
165.79
17
1.5
50
155TLS050M
110.52
22
2.2
50
225TLS050M
75.36
26
3.3
50
335TLS050M
50.24
31
4.7
50
475TLS050M
35.27
37
6.8
50
685TLS050M
24.38
45
10
35
106TLS035M
19.89
50
10
50
106TLS050M
16.58
60
15
25
156TLS025M
15.47
55
15
50
156TLS050M
11.05
73
22
16
226TLS016M
12.06
62
22
35
226TLS035M
9.04
80
22
50
226TLS050M
7.54
98
33
10
336TLS010M
10.05
68
33
25
336TLS025M
7.03
90
33
35
336TLS035M
6.03
110
33
50
336TLS050M
5.02
145
47
16
476TLS016M
5.64
100
47
25
476TLS025M
4.94
120
47
50
476TLS050M
3.53
165
68
10
686TLS010M
4.88
110
68
16
686TLS016M
3.9
135
68
35
686TLS035M
2.93
180
100
10
107TLS010M
3.32
148
100
16
107TLS016M
2.65
190
100
25
107TLS025M
2.32
200
100
35
107TLS035M
1.99
250
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
6.3x12.5
5x12.5
6.3x12.5
5x12.5
6.3x12.5
6.3x16
5x12.5
6.3x12.5
6.3x16
8x16
6.3x12.5
6.3x16
8x16
6.3x12.5
6.3x16
8x16
6.3x16
8x16
8x16
8x20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com