Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2152 Datasheet(PDF) 2 Page - ETAL Group

Part # P2152
Description  PICK-OFF TRANSFORMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2152 Datasheet(HTML) 2 Page - ETAL Group

  P2152 Datasheet HTML 1Page - ETAL Group P2152 Datasheet HTML 2Page - ETAL Group P2152 Datasheet HTML 3Page - ETAL Group P2152 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P2152
ETALDOC 129/13
Page 2 of 4
February 2006
SPECIFICATIONS
Electrical
At T = 25ºC unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Voltage
isolation
(1)
50Hz
DC
3.88
5.5
-
-
-
-
kVrms
kV
Balance
DC – 5kHz
Method TG25
50
-
-
dB
Input impedance
200Hz – 4kHz, Fig 2
50
-
-
k
Ω
Operating range:
Functional
Storage
Humidity
Ambient temperature
-25
-40
-
-
-
-
+85
+125
95
ºC
ºC
%R.H.
Lumped equivalent circuit parameters as Fig. 1
DC resistance, RDC
(2)
Sum of windings
(Corrected for ratio)
2300
-
2800
Ω
Leakage inductance
ΔL
Refered to pins 1-3
310
-
350
mH
Shunt inductance Lp
10mV 200Hz
60
150
-
H
Shunt loss Rp
10mV 200Hz
85
300
-
k
Ω
Self Capacitance
C1
C2
7
13
-
-
10
18
pF
pF
Notes
1. Components are 100% tested at 6.5kV DC.
2. Caution: do not pass DC through windings.
Telephone line current, etc. must be diverted
using choke or semiconductor line hold
circuit.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com