Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2152 Datasheet(PDF) 1 Page - ETAL Group

Part # P2152
Description  PICK-OFF TRANSFORMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2152 Datasheet(HTML) 1 Page - ETAL Group

  P2152 Datasheet HTML 1Page - ETAL Group P2152 Datasheet HTML 2Page - ETAL Group P2152 Datasheet HTML 3Page - ETAL Group P2152 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ETALDOC 129/13
Page 1 of 4
February 2006
PRODUCT DATA SHEET
PICK-OFF TRANSFORMER
P2152
Features
Applications
∗ 12.6mm (0.5") seated height
∗ Telecommunications
∗ Lead-free (Pb-free)
∗ Pick-off applications
∗ RoHS compliant
∗ Calling Line Identification
∗ Vacuum encapsulated
∗ Instrumentation
∗ IEC 60950 and UL 60950 certified
∗ Voice Recording
∗ UL Recognized Component
DESCRIPTION
P2152 is a high impedance transformer for
applications where high performance and safety
isolation are required in a compact case size.
P2152 has a turns ratio of 1.732:1 giving an
impedance transformation of 3:1.
P2152 is designed for “listening” applications when
placed across a line, presenting a very high
impedance (>50kΩ) to minimize circuit loading.
P2152 is certified to IEC 60950 and UL 60950.
P2152 is a UL Recognized Component and is
supported by an IEC CB Test Certificate. The
part is completely lead-free, compliant with RoHS
Directive 2002/95/EC, and suitable for lead-free
and conventional processing.


Similar Part No. - P2152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2152051 ETC-P2152051 Datasheet
1Mb / 17P
Floating Joint
P2152052 ETC-P2152052 Datasheet
1Mb / 17P
Floating Joint
P215215 ETC-P215215 Datasheet
1Mb / 17P
Floating Joint
P215225 ETC-P215225 Datasheet
1Mb / 17P
Floating Joint
P215235 ETC-P215235 Datasheet
1Mb / 17P
Floating Joint
More results

Similar Description - P2152

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P1727 ETAL-P1727 Datasheet
107Kb / 4P
PICK-OFF TRANSFORMER
P2769 ETAL-P2769 Datasheet
143Kb / 5P
MICROPROFILE PICK-OFF TRANSFORMER
P3127 ETAL-P3127 Datasheet
143Kb / 4P
PICK-OFF TRANSFORMER
P3190 ETAL-P3190 Datasheet
139Kb / 5P
MICROPROFILE PICK-OFF TRANSFORMER
logo
E&E Magnetic Products L...
825-00075 EEMAGNETIC-825-00075 Datasheet
34Kb / 3P
TRANSFORMER, PICK-OFF, SMT,6 PIN, EXT. TEMP
logo
TEKTRONIX, INC.
PSPL5370 TEKTRONIX-PSPL5370 Datasheet
601Kb / 6P
Ultra-Broadband Pick-off Tee
logo
Marki Microwave
PT-0020 MARKIMICROWAVE-PT-0020 Datasheet
426Kb / 2P
RESISTIVE PICK-OFF TEE
PT-0030 MARKIMICROWAVE-PT-0030 Datasheet
427Kb / 2P
RESISTIVE PICK-OFF TEE
logo
PHOENIX CONTACT
3047138 PHOENIX-3047138 Datasheet
80Kb / 6P
Pick-off terminal block - AGK 4-UT 35
09/12/2020
logo
WECO ELECTRICAL CONNECT...
152-A-211 WECO-152-A-211 Datasheet
76Kb / 1P
PCB connector Screw connection, interlocking, with test pick-off
10.12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com