Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP31B Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # TIP31B
Description  POWER TRANSISTORS(3A,40-100V,40W)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

TIP31B Datasheet(HTML) 1 Page - Mospec Semiconductor

  TIP31B Datasheet HTML 1Page - Mospec Semiconductor TIP31B Datasheet HTML 2Page - Mospec Semiconductor TIP31B Datasheet HTML 3Page - Mospec Semiconductor TIP31B Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A


Similar Part No. - TIP31B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TIP31B MOTOROLA-TIP31B Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP31B ONSEMI-TIP31B Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP31B POINN-TIP31B Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Samsung semiconductor
TIP31B SAMSUNG-TIP31B Datasheet
220Kb / 6P
NPN (MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Boca Semiconductor Corp...
TIP31B BOCA-TIP31B Datasheet
25Kb / 2P
General Purpose Amplifier and Switching Applications
More results

Similar Description - TIP31B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5427 MOSPEC-2N5427 Datasheet
132Kb / 3P
POWER TRANSISTORS(7A,40W)
2N6107 MOSPEC-2N6107 Datasheet
171Kb / 4P
POWER TRANSISTORS(7A,40W)
2SC2373 MOSPEC-2SC2373 Datasheet
106Kb / 3P
POWER TRANSISTORS(7.5A,100V,40W)
2SC2979 MOSPEC-2SC2979 Datasheet
135Kb / 3P
POWER TRANSISTORS(3A,800V,40W)
2SC3086 MOSPEC-2SC3086 Datasheet
123Kb / 3P
POWER TRANSISTORS(3A,500V,40W)
BD241 MOSPEC-BD241 Datasheet
133Kb / 3P
POWER TRANSISTORS(3A,40W)
TIP29 MOSPEC-TIP29 Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
TIP33 MOSPEC-TIP33 Datasheet
144Kb / 3P
POWER TRANSISTORS(10A,40-100V,80W)
TIP35 MOSPEC-TIP35 Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com