Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE4W3X3.3-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # POE4W3X3.3-R
Description  Power-over-Ethernet (PoE) Application Notes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

POE4W3X3.3-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  POE4W3X3.3-R Datasheet HTML 1Page - Cooper Bussmann, Inc. POE4W3X3.3-R Datasheet HTML 2Page - Cooper Bussmann, Inc. POE4W3X3.3-R Datasheet HTML 3Page - Cooper Bussmann, Inc. POE4W3X3.3-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Converter Topology Choices:
Flyback Vs. Forward
Flyback or forward converter topologies are normally used in a
powered device DC-DC converter, depending on the PD’s voltage and
current requirements.
Flyback Topology
(See Figure 1)
B
Beenneeffiitt:: Lowest cost for <6A output currents.
W
Whheenn ttoo U
Ussee:: Typically for output voltages greater than 2.5V.
Recommended for multi-output, voltages (>12V) and for applications
requiring lowest cost.
Advantages:
• Output isolated from input.
• No output inductor required.
Disadvantages:
Higher output ripple current results in higher output capacitor cost
and medium efficiency due to higher peak and rms currents.
Figure 1. Transformer Flyback Topology
PoE - the Cost-Effective Means of Power Supply
In addition to data communications between the two devices, Power-
over-Ethernet (PoE) enables an Ethernet Switch/Hub to power a
remote device over an existing LAN cable. Without PoE, any remote
device needs to be powered independently. Typically, device power is
derived from an AC-DC adapter or at board level inside the device.
This adds cost and requires locating the device near a source of AC
power.
Device installation is further complicated by different safety codes,
AC voltages and wall plugs around the world. PoE avoids these
problems by supplying low-voltage DC power directly to the
Powered
Device (PD) from the Power Sourcing Equipment (PSE) that is located
in the Ethernet Switcher or mid-span Hub and eliminates the
complexity of AC power sources.
To ensure that all equipment is protected and devices operate
properly when connected, the IEEE established a universal standard
(IEEE802.3af). This specifies the power requirements of the PSE and
the PD, and the communication protocol between the two -
regardless of manufacturer or configuration.
Traditional Power-over-Ethernet
The 12.95W power limit was adequate for IP telephony when
IEEE802.3af was initially approved in 2003. Network cameras, were
initially the most prevalent application enabled by the Power-over-
Ethernet standard.
However, the popularization of WLAN applications triggered
developers’ and marketers’ inventiveness for creating more power-
hungry derivative devices, such as Video IP Phones, Multi-channel
WLAN Access Points (like the ones in the IEEE802.11n upcoming
MIMO standard) and Pan-Tilt-Zoom IP Cameras.
All these devices typically require between 13W and 30W - more
than the normally available 13W.
Enhancing Power-over-Ethernet
In December, 2004, the IEEE802 established a PoEPlus group to
study the market needs and possible technical solutions to address
higher power applications while maintaining backward compatibility
with the original standard. In September, 2005, the group set and
approved, as binding, objectives for the IEEE802.3at Power-over-
Ethernet Enhancements. One of the main objectives was providing
maximum power to PDs as allowed within practical limits of at least
30W.
Power-over-Ethernet (PoE) Application Notes
Input
Output
Vo
+
_
C
Vin
vL
Vx
+
_
+
_


Similar Part No. - POE4W3X3.3-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
POE4W3X3.3-R EATON-POE4W3X3.3-R Datasheet
590Kb / 4P
Configurable flyback transformer
More results

Similar Description - POE4W3X3.3-R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
Power Over Ethernet (PoE)
logo
Wurth Elektronik GmbH &...
7491199112 WURTH-7491199112 Datasheet
115Kb / 3P
POWER OVER ETHERNET-TRANSFORMER WE-PoE
7491199212 WURTH-7491199212 Datasheet
115Kb / 3P
POWER OVER ETHERNET-TRANSFORMER WE-PoE
logo
Pulse A Technitrol Comp...
H2019NL PULSE-H2019NL Datasheet
1Mb / 5P
Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
H2019NLT PULSE-H2019NLT Datasheet
1Mb / 5P
Power OVER Ethernet (PoE) Magnetics and (PoE) Magnetics
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
PoE(Power over Ethernet)
logo
Wurth Elektronik GmbH &...
750314433 WURTH-750314433 Datasheet
524Kb / 7P
WE-PoE Power over Ethernet Transformer
003.001
750318961 WURTH-750318961 Datasheet
675Kb / 7P
WE-PoE Power over Ethernet Transformer
002.001
750319021 WURTH-750319021 Datasheet
481Kb / 6P
WE-PoE Power over Ethernet Transformer
001.000
750319032 WURTH-750319032 Datasheet
480Kb / 6P
WE-PoE Power over Ethernet Transformer
001.000
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com