Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE4W3X3.3-R Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # POE4W3X3.3-R
Description  Power-over-Ethernet (PoE) Application Notes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

POE4W3X3.3-R Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  POE4W3X3.3-R Datasheet HTML 1Page - Cooper Bussmann, Inc. POE4W3X3.3-R Datasheet HTML 2Page - Cooper Bussmann, Inc. POE4W3X3.3-R Datasheet HTML 3Page - Cooper Bussmann, Inc. POE4W3X3.3-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2008 Cooper Bussmann
St. Louis, MO 63178
636-394-2877
www.cooperbussmann.com
Reorder # 4036
PDF Only
Order samples online - www.cooperbussmann.com
The Cooper Bussmann® Coiltronics® brand of magnetics specializes in standard and custom solutions, offering the latest in state-of-the-art
low-profile high power density magnetic components. We remain at the forefront of innovation and new technology to deliver the optimal mix of
packaging, high efficiency and unbeatable reliability. Our designs utilize high frequency, low core loss materials, and new and custom core shapes
in combination with innovative construction and packaging to provide designers with the highest performance parts available on the market. The
Coiltronics Brand product line of power magnetics continually expands to satisfy shifts in technology and related market needs. Standard Product
Categories include:
• Shielded Drum Inductors
• Unshielded Drum Inductors
• High Current Inductors
• Toroidal Inductors
• Specialty Magnetics
• Custom Magnetics
Please visit http://www.cooperbussmann.com/datasheets/elx to see the wide variety of inductor solutions we have to offer.
A
A
B
B
C
C
D
D
EE
FF
G
G
H
H
II
JJ
K
K
LL rreeff..
M
M
N
N
O
O
m
maaxx..
rreeff..
m
maaxx..
rreeff..
m
maaxx..
rreeff..
rreeff..
rreeff..
rreeff..
rreeff..
m
maaxx..
21.5
22.0
28.5
0.7
10.8
2.95
0.1
0.4
17.25
2.25
3.15
23.2
29.5
3.0
0.75
For full product information and a listing of all available inductor values, see http://www.cooperbussmann.com/datasheets/elx, Data sheet number 4339.
Forward Transformers - 26 Watts
Dimensions (mm)
Schematic
D
DC
CR
R
D
DC
CR
R
D
DC
CR
R
D
DC
CR
R
P
Prriim
maarryy
P
Prriim
maarryy
S
Seeccoonnddaarryy
B
Biiaass
S
Syynncc..
LLeeaakkaaggee
P
Prriim
maarryy
TTuurrnn R
Raattiioo P
Piinnss P
Prriim
maarryy
P
Paarrtt
IInndduuccttaannccee
((
Ω
Ω))
((
Ω
Ω))
((
Ω
Ω))
((
Ω
Ω))
IInndduuccttaannccee
C
Cuurrrreenntt
((2
2--4
4)):: V
V1
1,, ((1
12
2--1
10
0)):: V
V2
2
N
Nuum
mbbeerr
W
Waattttss
((
μμHH))
O
Ouuttppuutt
B
Biiaass
S
Syynncc..
m
maaxx
m
maaxx
m
maaxx
m
maaxx
((
μμHH)) ttyypp..
P
Pkk ((A
Addcc))
((1
11
1--9
9)):: B
Biiaass,, ((1
1--6
6)):: S
Syynncc.. ((7
7--8
8))
PoE26W3.3VS5-R
26
160
(2)x3.3V
10.0V
5V
0.1
0.03
0.9
0.42
1
2.6
1:0.29:0.29:0.83:0.42 +/-2%
@4.0A
@0.1A
@0.1A
PoE26W3.3VS10-R
26
160
(2)x3.3V
10.0V
10V
0.1
0.03
0.9
0.9
1
2.6
1:0.29:0.29:0.83:0.83 +/-2%
@4.0A
@0.1A
@0.1A
PoE26W5V-R
26
160
(2)x5.0V
10.0V
5.0V
0.1
0.05
0.9
0.42
1
2.6
1:0.42:0.42:0.83:0.42 +/-2%
@2.6A
@0.1A
@0.1A
Top View
Front View
Recommended Pad Layout
PoE
1
7
6
12
White Dot Pin #1
A
B
D
(12 plcs)
C
H
(12 plcs)
G
(12 plcs)
F
(2 plcs)
E
Component Side
1
6
12
7
I
J
(12plcs)
K
(12plcs)
N
(10plcs)
O
(10plcs)
L
M
Bias
1
11
6
8
7
9
4
2
10
12
Primary
Output
Output
Sync



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com