Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP0708R1-R07-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FP0708R1-R07-R
Description  High Current Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FP0708R1-R07-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FP0708R1-R07-R Datasheet HTML 1Page - Cooper Bussmann, Inc. FP0708R1-R07-R Datasheet HTML 2Page - Cooper Bussmann, Inc. FP0708R1-R07-R Datasheet HTML 3Page - Cooper Bussmann, Inc. FP0708R1-R07-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Applications
• Multi-phase regulators
• Voltage Regulator Module (VRM)
• Point of load modules
• Servers and workstations
• Data networking and storage systems
• Notebook and desktop computers
• Graphics cards and battery power systems
• DCR sensing
Environmental Data
• Storage temperature range: -40°C to +125 °C
• Operating temperature range: -40°C to +125°C
(Range is application specific)
• Solder reflow temperature: J-STD-020D compliant
Packaging
• Supplied in tape and reel packaging, 640 parts per reel,
13” diameter reel
Description
• 125°C maximum total temperature operation
• 8.5 x 7.0 x 7.2mm surface mount package
• Ferrite core material
• High current carrying capacity
• Low core losses
• Controlled DCR tolerance for sensing circuits
• Inductance range from 72nH to 190nH
• Current range from 37 to 90 amps
• Frequency range up to 2MHz
• RoHS compliant
High Current Power Inductors
FLAT-PAC™ FP0708 Series
06-11-08
SBXXXXX
Page 1 of 4
Data Sheet:
SMD Device
1 Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.10Vrms, 0.0Adc
2 Full Load Inductance (FLL) Test Parameters: 100kHz, 0.1Vrms,Isat1
3Irms: DC current for an approximate temperature rise of 40°C without core loss. Derating is
necessary for AC currents. PCB pad layout, trace thickness and width, air-flow and proximity of
other heat generating components will affect the temperature rise. It is recommended the part
temperature not exceed 125°C under worst case operating conditions verified in the end
application.
4Isat1: Peak current for approximately 20% rolloff at +25°C.
5Isat2: Peak current for approximately 20% rolloff at +125°C.
6 K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI * 10
-3,B
p-p : (Gauss),
K: (K-factor from table), L: (inductance in nH),
ΔI (peak-to-peak ripple current in amps).
7 Part Number Definition: FP0708Rx-Rxx-R
• FP0708 = Product code and size
• Rx is the DCR indicator
• Rxx= Inductance value in
μH, R = decimal point
• “-R” suffix = RoHS compliant
Product Specifications
Part Number
OCL
1 ± 10% (nH) FLL2 Min. (nH)
Irms
3 (Amps) Isat14 @ 25°C (Amps) Isat25 @ 125°C (Amps) DCR (mΩ) @ 20°C K-factor6
FP0708R1-R07-R
72
52
44
90
72
0.35 ± 8.6%
557
FP0708R1-R09-R
90
64
75
60
557
FP0708R1-R10-R
105
75
68
54
557
FP0708R1-R12-R
120
86
59
47
557
FP0708R1-R15-R
150
108
47
37
557
FP0708R1-R20-R
190
1.5
37
29
557


Similar Part No. - FP0708R1-R07-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FP0705R1-R07-R COOPER-FP0705R1-R07-R Datasheet
430Kb / 4P
High Current, Low-Profile Power Inductors
FP0705R1-R10-R COOPER-FP0705R1-R10-R Datasheet
430Kb / 4P
High Current, Low-Profile Power Inductors
FP0705R1-R12-R COOPER-FP0705R1-R12-R Datasheet
430Kb / 4P
High Current, Low-Profile Power Inductors
FP0705R1-R15-R COOPER-FP0705R1-R15-R Datasheet
430Kb / 4P
High Current, Low-Profile Power Inductors
FP0705R1-R18-R COOPER-FP0705R1-R18-R Datasheet
430Kb / 4P
High Current, Low-Profile Power Inductors
More results

Similar Description - FP0708R1-R07-R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com