Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPN-RK-70SP Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # LPN-RK-70SP
Description  Dual-Element Time-Delay Fuses Class RK1-250 Volts AC/DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LPN-RK-70SP Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  LPN-RK-70SP Datasheet HTML 1Page - Cooper Bussmann, Inc. LPN-RK-70SP Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low-Peak®
LPN-RK
Dual-Element Time-Delay Fuses
70-600A
Class RK1 – 250 Volts AC/DC
Form No. LPN-RK 70-600
Page 1 of 2
Data Sheet: 1004
Bussmann®
Features:
• Current limiting for maximum short-circuit protection.
• Type 2 protection for IEC and NEMA starters when properly
sized.
• High in-rush current motor protection.
• Time-delay that permits 130% FLA sizing for back-up motor
protection.
• Provides protection against single-phase motor damage.
• Low watt loss power consumption.
• Electrically isolated end caps.
• 250Vdc, UL Listed.
Applications:
• Branch distribution
• Motors
• Transformers
• Solenoids
• General purpose circuits
A
B
Catalog Symbol: LPN-RK_SP
Ampere Rating: 70 to 600A
Voltage Ratings:
ac: 250V (or less)
dc: 250V (or less)
Interrupting Ratings:
ac: 300,000A RMS Sym.
dc: 100,000A
Agency Information:
UL Listed–Special Purpose**, Guide JFHR, File E56412
CSA Certified, (200,000 AIR) Class 1422-02, File 53787,
Class RK1 per CSA C22.2 No. 248.12
Catalog Numbers
LPN-RK-70SP
LPN-RK-150SP
LPN-RK-350SP
LPN-RK-80SP
LPN-RK-175SP
LPN-RK-400SP
LPN-RK-90SP
LPN-RK-200SP
LPN-RK-450SP
LPN-RK-100SP
LPN-RK-225SP
LPN-RK-500SP
LPN-RK-110SP
LPN-RK-250SP
LPN-RK-600SP
LPN-RK-125SP
LPN-RK-300SP
—
Available with tin plate option. Add Suffix “-TP” (Ex.: LPN-RK-100SP-TP)
Carton Quantity and Weight—LPN-RK (250Vac)
Ampere
Carton
Weight*
Ratings
Qty.
Lbs.
Kg.
70–100
5
1.9
0.9
110–200
1
0.9
0.4
225–400
1
2.0
0.9
450–600
1
3.0
1.4
*Weight per carton.
** Meets all performance requirements of UL Standard 248-12 for Class RK1 fuses.
Dimensional Data
Dimensions (inches)
Ampere Ratings
“A”
“B”
70-100
5.88 (± 0.062)
1.10 (± 0.020)
110-200
7.13 (± 0.062)
1.61 (± 0.020)
225-400
8.63 (± 0.094)
2.36 (± 0.020)
450-600
10.38 (± 0.094)
2.88 (± 0.020)
N
NE
EW
W DD
E
ES
SIIG
GN
N
CE logo denotes compliance with European Union Low Voltage Directive
(50-1000Vac, 75-1500Vdc). Refer to Data Sheet: 8002 or contact
Bussmann Application Engineering at 636-527-1270 for more information.
Fuse Reducers For Class R Fuses
Desired
Catalog Number
Equipment
Fuse (Case)
(Pairs)
Fuse Clips
Size
600V
200A
100A
No. 2621-R***
400A
100A
No. 2641-R
200A
No. 642-R
100A
No. 2661-R
600A
200A
No. 2662-R
400A
No. 2664-R*
*Single reducer only (pair not required).
***Reducer No. 2621-R does not apply to LPN-RK-70SP to LPN-RK-100SP
Fuses.
For additional information, see Data Sheet: 1118.
Recommended fuseblocks for
Class R 250V fuses
See Data Sheet: 1110
5-19-04
SB04174


Similar Part No. - LPN-RK-70SP

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
LPN-RK-70SP EATON-LPN-RK-70SP Datasheet
824Kb / 4P
LPN-RK ??250 Vac/dc, 70-600 A, dual element, time-delay fuses
logo
Cooper Bussmann, Inc.
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
Dual-Element Time-Delay Fuses
More results

Similar Description - LPN-RK-70SP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
Dual-Element Time-Delay Fuses
LPJ-70SPI COOPER-LPJ-70SPI Datasheet
114Kb / 3P
Dual-Element, Time-Delay Fuses
LPS-RK-70SPI COOPER-LPS-RK-70SPI Datasheet
127Kb / 3P
Dual-Element, Time-Delay Fuses
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
Dual-Element Time-Delay Fuses
LPS-RK-70SP COOPER-LPS-RK-70SP Datasheet
139Kb / 3P
Dual-Element, Time-Delay Fuses
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 600 Volt
logo
List of Unclassifed Man...
LPN-RK-250 ETC1-LPN-RK-250 Datasheet
704Kb / 4P
dual element, time-delay fuses
LPS-RK-600 ETC1-LPS-RK-600 Datasheet
1,014Kb / 4P
dual element, time-delay fuses
logo
Eaton All Rights Reserv...
MDQ EATON-MDQ Datasheet
391Kb / 2P
Dual-element time-delay glass fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com