Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD14-331-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # SD14-331-R
Description  Switching Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD14-331-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  SD14-331-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD14-331-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD14-331-R Datasheet HTML 3Page - Cooper Bussmann, Inc. SD14-331-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Note: For full product information and a listing of all available inductor values, see
http://www.cooperbussmann.com/datasheets/elx, Data Sheet number SD38 Series.
N
Noottee: For full product information and a listing of all available inductor values, see
http://www.cooperbussmann.com/datasheets/elx, Data Sheet number SDH3812 Series.
SDH3812 Dimensions - mm
Recommended Pad Layout
Schematic
Top View
Side View
Bottom View
Pin #1 indicator
Marking
1.25 Typ.
1.2 Max.
3.8 +.02/-0.1
3.8 +.02/-0.1
0.415 Min.
0.90 Max.
no plating
2.03 +/-0.1
3.65 Typ.
4.8 Max.
2.5
2 plcs
1.0
2 plcs
5.0
Top View
Side View
Bottom View
Recommended Pad Layout
Schematic
1.4
Max
1.25
±0.12
2.5
2plcs
1.0
2plcs
4.0 typ
5.0
4.0
Max
4.0
Max
Pin #1indicator
Marking
(see note A)
2.03
±.02
0.09 Max
no plating
4.8
Max
3.65
Typ
0.415 Min
SD3814 Dimensions - mm
S
SD
DH
H3
38
81
12
2
P
Paarrtt N
Nuum
mbbeerr
R
Raatteedd
O
OC
CLL
P
Paarrtt
IIrrm
mss
IIssaatt
D
DC
CR
R
D
DC
CR
R
IInndduuccttaannccee
μμHH ±± 2200%
%
M
Maarrkkiinngg
A
Am
mppss
A
Am
mppss
Ω
Ω@
@2
20
0°°C
C
Ω
Ω@
@2
20
0°°C
C
((
μμHH))
D
Deessiiggnnaattoorr
((TTyyppiiccaall))
((M
Maaxxiim
muum
m))
SDH3812-1R0-R
1.0
0.89
B
2.07
3.00
0.045
0.054
SDH3812-1R5-R
1.5
1.49
D
1.67
2.30
0.069
0.083
SDH3812-2R2-R
2.2
2.23
E
1.37
1.90
0.104
0.124
SDH3812-3R3-R
3.3
3.17
F
1.14
1.60
0.148
0.177
SDH3812-4R7-R
4.7
4.96
G
0.94
1.25
0.220
0.264
SDH3812-100-R
10.0
9.67
J
0.69
0.88
0.398
0.478
SDH3812-220-R
22.0
22.00
L
0.50
0.61
0.750
0.900
SDH3812-330-R
33.0
32.90
M
0.41
0.49
1.132
1.358
SDH3812-470-R
47.0
46.20
N
0.34
0.41
1.583
1.900
SDH3812-101-R
100.0
97.50
Q
0.25
0.28
3.042
3.650
SDH3812-221-R
220.0
218.50
S
0.16
0.19
7.017
8.420
S
SD
D3
38
81
14
4
P
Paarrtt N
Nuum
mbbeerr
R
Raatteedd
O
OC
CLL
P
Paarrtt
IIrrm
mss
IIssaatt
D
DC
CR
R
IInndduuccttaannccee
μμHH ±± 1155%
%
M
Maarrkkiinngg
A
Am
mppss
A
Am
mppss
Ω
Ω
((
μμHH))
D
Deessiiggnnaattoorr
TTyyppiiccaall
SD3814-1R2-R
1.2
1.001
C
1.85
2.67
0.046
SD3814-1R5-R
1.5
1.286
D
1.76
2.35
0.051
SD3814-2R2-R
2.2
1.962
E
1.43
1.90
0.077
SD3814-3R3-R
3.3
2.781
F
1.31
1.60
0.093
SD3814-4R7-R
4.7
4.276
G
1.06
1.29
0.141
SD3814-100-R
10.0
9.830
J
0.713
0.851
0.311
SD3814-220-R
22.0
21.186
L
0.519
0.580
0.589
SD3814-330-R
33.0
32.151
M
0.418
0.471
0.908
SD3814-470-R
47.0
47.210
N
0.346
0.388
1.322
S
SD
DH
H3
38
81
12
2
SD3814



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com