Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD14-331-R Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # SD14-331-R
Description  Switching Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD14-331-R Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  SD14-331-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD14-331-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD14-331-R Datasheet HTML 3Page - Cooper Bussmann, Inc. SD14-331-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SD Inductor Series
© 2008 Cooper B u ssmann
S t. Lo u is, MO 63178
636-394-2877
www.cooperb u ssmann.com
Reorder # 4031 1008
PDF Only
SD14 & SD25 Dimensions - mm
2
1
5.2
Max
5.2
Max
a
HT
1.5 Typ.
Ref.
1
2
Pin#1
identifier
Part marking
(Note A)
2
1
R2.250
2.975
5.950
2.975
2
R2.250
5.95
9
1.0
2.975
2
5.15
2.575
2
5.950
9
Top View
Side View
Bottom View
Recommended Pad Layout
2 Pad Layout
4 Pad Layout
Schematic
SD14 = 1.45mm Max
SD25 = 2.5mm Max
S
SD
D1
14
4 &
& S
SD
D2
25
5
P
Paarrtt N
Nuum
mbbeerr
R
Raatteedd
O
OC
CLL
P
Paarrtt
IIrrm
mss
IIssaatt
D
DC
CR
R
IInndduuccttaannccee
±
± 2
20
0%
%
M
Maarrkkiinngg
A
Am
mppss
A
Am
mppss
Ω
Ω
((
μμHH))
μμHH
TTyyppiiccaall
SD14-1R2-R
1.2
1.23
C
2.7
3.35
0.0344
SD14-1R5-R
1.5
1.63
D
2.53
2.91
0.0390
SD14-3R2-R
3.2
3.19
G
1.94
2.08
0.0663
SD14-6R9-R
6.9
6.98
J
1.35
1.41
0.1363
SD14-100-R
10
9.93
L
1.1
1.18
0.2058
SD14-220-R
22
21.93
N
0.806
0.793
0.3853
SD14-330-R
33
32.55
O
0.654
0.651
0.5852
SD14-470-R
47
47.57
P
0.525
0.538
0.9055
SD14-101-R
100
99.25
S
0.386
0.373
1.68
SD14-221-R
220
222
U
0.258
0.249
3.77
SD14-331-R
330
335.1
V
0.206
0.203
5.92
SD14-471-R
470
471.4
W
0.173
0.171
8.34
SD14-102-R
1000
1008
Z
0.126
0.117
15.8
SD25-1R2-R
1.20
1.15
C
3.33
3.81
0.0240
SD25-1R5-R
1.50
1.61
D
3.12
3.23
0.0274
SD25-2R2-R
2.20
2.14
E
2.93
2.80
0.0311
SD25-3R3-R
3.30
3.43
F
2.64
2.21
0.0384
SD25-4R7-R
4.70
5.03
G
2.39
1.83
0.0467
SD25-100-R
10.0
10.35
K
1.80
1.27
0.0824
SD25-220-R
22.0
22.81
M
1.34
0.857
0.1478
SD25-330-R
33.0
33.07
N
1.11
0.711
0.2149
SD25-470-R
47.0
47.89
O
0.919
0.592
0.3156
SD25-101-R
100
100.79
R
0.670
0.398
0.5937
SD25-151-R
150
148.4
S
0.553
0.328
0.8723
SD25-221-R
220
222.4
T
0.446
0.268
1.34
SD25-331-R
330
332.2
U
0.359
0.219
2.07
SD25-471-R
470
472.4
V
0.293
0.184
3.10
N
Noottee: SD10, 12, 18 and 20 not shown. For full product information and a listing of all available inductor
values, see http://www.cooperbussmann.com/datasheets/elx, Data sheet number SD Series
Typical SD Series Applications
• Mobile phones
• Digital cameras
• Industrial test equipment
• Computers
• Uninterruptible power supplies
• Televisions
Typical SD Series Uses
• Buck and boost converters
• LED Drivers
• EL panel drivers
• Backlighting
• Noise filtering chokes
The Cooper Bussmann Coiltronics
® brand of magnetics specializes in standard and custom solutions, offering the latest in state-of-the-art low-profile high power
density magnetic components. We remain at the forefront of innovation and new technology to deliver the optimal mix of packaging, high efficiency and
unbeatable reliability. Our designs utilize high frequency, low core loss materials, and new and custom core shapes in combination with innovative construction and
packaging to provide designers with the highest performance parts available on the market. The Coiltronics Brand product line of power magnetics continually
expands to satisfy shifts in technology and related market needs. Standard Product Categories include:
• Shielded Drum Inductors
• Unshielded Drum Inductors
• High Current Inductors
• Toroidal Inductors
• Specialty Magnetics
• Custom Magnetics
Please visit http://www.cooperbussmann.com/datasheets/elx to see data sheets on the wide variety of inductor solutions we have to offer.
For techncial inquiries e-mail InductorTech@cooperindustries.com.
Order samples online - www.cooperbussmann.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com