Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP331 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # TIP331
Description  POWER TRANSISTORS(10A,40-100V,80W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

TIP331 Datasheet(HTML) 1 Page - Mospec Semiconductor

  TIP331 Datasheet HTML 1Page - Mospec Semiconductor TIP331 Datasheet HTML 2Page - Mospec Semiconductor TIP331 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - TIP331

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIP33 POINN-TIP33 Datasheet
91Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIP33 TI-TIP33 Datasheet
584Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP33 SAVANTIC-TIP33 Datasheet
137Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
TIP33 ISC-TIP33 Datasheet
134Kb / 3P
Silicon NPN Power Transistors
logo
Continental Device Indi...
TIP33 CDIL-TIP33 Datasheet
337Kb / 4P
HIGH POWER TRANSISTORS
More results

Similar Description - TIP331

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6040 MOSPEC-2N6040 Datasheet
199Kb / 4P
POWER TRANSISTORS(10A,80W)
2SC2625 MOSPEC-2SC2625 Datasheet
129Kb / 3P
POWER TRANSISTORS(10A,400V,80W)
BDW93 MOSPEC-BDW93 Datasheet
183Kb / 4P
POWER TRANSISTORS(12A,45-100V,80W)
BUV28 MOSPEC-BUV28 Datasheet
111Kb / 3P
POWER TRANSISTORS(10A,200V,80W)
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
TIP140 MOSPEC-TIP140 Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,125W)
TIP140T MOSPEC-TIP140T Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,80W)
TIP31 MOSPEC-TIP31 Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
TIP33D MOSPEC-TIP33D Datasheet
144Kb / 3P
POWER TRANSISTORS(10A,120-160V,80W)
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com