Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3355 Datasheet(PDF) 3 Page - ETAL Group

Part # P3355
Description  LOW DISTORTION LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3355 Datasheet(HTML) 3 Page - ETAL Group

  P3355 Datasheet HTML 1Page - ETAL Group P3355 Datasheet HTML 2Page - ETAL Group P3355 Datasheet HTML 3Page - ETAL Group P3355 Datasheet HTML 4Page - ETAL Group P3355 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P3355
ETALDOC 702/7
Page 3 of 5
April 2005
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Geometric centres of outline and pin grid coincide within a tolerance circle of 0.6mmØ.
Windings may be used interchangeably as primary or secondary.
Total weight typically 7g.
10nF
μ
22 F
600
Reference Circuit
Ω
Fig. 2
LINE
600
270
TXA2
TXA1
Patented
Connections
Dimensions
e2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com