Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3355 Datasheet(PDF) 1 Page - ETAL Group

Part # P3355
Description  LOW DISTORTION LINE MATCHING TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3355 Datasheet(HTML) 1 Page - ETAL Group

  P3355 Datasheet HTML 1Page - ETAL Group P3355 Datasheet HTML 2Page - ETAL Group P3355 Datasheet HTML 3Page - ETAL Group P3355 Datasheet HTML 4Page - ETAL Group P3355 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ETALDOC 702/7
Page 1 of 5
April 2005
PRODUCT DATA SHEET
LOW DISTORTION
P3355
LINE MATCHING TRANSFORMER
Features
Applications
∗ Lead-free (Pb-free)
∗ V.90 and V.92 Modems
∗ RoHS compliant
∗ V.34 Modems
∗ Low Distortion
∗ 12.6mm (0.5”) Seated Height
∗ Industry Standard Pinout
∗ IEC 60950 and UL 60950 Certified
∗ UL Recognized Component
∗ Environmentally tested to IEC 68
∗ CERT reliability tested
∗ Excellent Frequency Response
∗ High Thermal Stability
∗ Directly replaces ATS-255
DESCRIPTION
P3355 is intended for V.90 and V.92 (56kbps)
modems and other high-speed applications where
ultra-low distortion at moderate power levels and
very low voiceband frequencies is required at a
most competitive price.
P3355 is offered as a direct replacement for
ATS-255 in existing circuits without changes to
matching components, but re-engineered for
significantly improved thermal stability.
P3355 uses patented design and construction
methods to achieve excellent signal performance
and safety isolation to international standards.
P3355 is certified to IEC 60950 and UL 60950.
P3355 is a UL Recognized Component and is
supported by an IEC CB Test Certificate. The
part is completely lead-free, compliant with RoHS
Directive 2002/95/EC, and suitable for lead-free
and conventional processing.
P3355
has
been
subjected
to
relevant
environmental testing according to IEC 68 and
Combined
Environmental
Reliability
Testing
(CERT) beyond normal operational levels and
passed all tests, remaining fully functional.
FOR NEW DESIGNS
P3356 IS RECOMMENDED
Patented


Similar Part No. - P3355

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P3356 ETAL-P3356 Datasheet
191Kb / 6P
LOW DISTORTION LINE MATCHING TRANSFORMER
P3357 ETAL-P3357 Datasheet
139Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
More results

Similar Description - P3355

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P3302 ETAL-P3302 Datasheet
168Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P3311 ETAL-P3311 Datasheet
164Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P3356 ETAL-P3356 Datasheet
191Kb / 6P
LOW DISTORTION LINE MATCHING TRANSFORMER
P3357 ETAL-P3357 Datasheet
139Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P3410 ETAL-P3410 Datasheet
167Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P3801 ETAL-P3801 Datasheet
178Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P5059 ETAL-P5059 Datasheet
135Kb / 5P
LOW DISTORTION LINE MATCHING TRANSFORMER
P5097 ETAL-P5097 Datasheet
108Kb / 4P
LOW DISTORTION LINE MATCHING TRANSFORMER
P5233 ETAL-P5233 Datasheet
169Kb / 6P
LOW DISTORTION LINE MATCHING TRANSFORMER
P5273 ETAL-P5273 Datasheet
100Kb / 4P
LOW DISTORTION LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com