Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3921 Datasheet(PDF) 3 Page - ETAL Group

Part # P3921
Description  HDSL2/G.SHDSL Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3921 Datasheet(HTML) 3 Page - ETAL Group

  P3921 Datasheet HTML 1Page - ETAL Group P3921 Datasheet HTML 2Page - ETAL Group P3921 Datasheet HTML 3Page - ETAL Group P3921 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P3921
ETALDOC 785/3
Page 3 of 4
January 2004
CONSTRUCTION
Dimensions shown are in millimetres (inches).
Terminal references in parentheses denote alternative customer designation.
SAFETY
ABSOLUTE MAXIMUM RATINGS
(Ratings of components independent of circuit).
Short term isolation voltage (1s)
2.12kVrms,
3.0kVDC
Storage temperature
-40ºC to
+85ºC
Constructed in accordance with IEC 60950-1,
EN 60950-1
and
UL 60950-1,
supplementary
insulation,
250V
maximum
working
voltage,
flammability class V-0.
Installation requirements should be observed
whereby a minimum of 1.0mm creepage and
1.5mm clearance is maintained between the ferrite
core and accessible conductive parts in the host
equipment.
Reflow temperature (10s)
260ºC
0.80
(0.032)
15.40
(0.606)
Connections
Fig. 2
17.15 max
(0.67)
13.0
(0.51)
CHAMFER
ON BOBBIN
Dimensions
Fig. 1
Terminals finished: SnAg



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com