Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3921 Datasheet(PDF) 4 Page - ETAL Group

Part # P3921
Description  HDSL2/G.SHDSL Transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3921 Datasheet(HTML) 4 Page - ETAL Group

  P3921 Datasheet HTML 1Page - ETAL Group P3921 Datasheet HTML 2Page - ETAL Group P3921 Datasheet HTML 3Page - ETAL Group P3921 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P3921
ETALDOC 785/3
Page 4 of 4
January 2004
CERTIFICATION
COPYRIGHT
Certified by BSI to IEC 950:1991/A4:1996 (IEC CB
Test Certificate No. GB518W) sub-clauses 1.5,
1.5.1, 1.5.3, 2.2, 2.2.2, 2.2.3, 2.2.4, 2.9.2, 2.9.3,
2.9.4, 4.4, 4.4.3.2 (class V-0) and 5.3 for a
maximum working voltage of 250Vrms, nominal
mains supply voltage not exceeding 300Vrms and
a maximum operating temperature of +85ºC in
Pollution Degree 2 environments, supplementary
insulation,
clearance
greater
than
2.0mm,
creepage greater than 2.5mm, distance through
solid insulation greater than 0.4mm.
Recognized under the Component Recognition
Program of Underwriters Laboratories Inc. to US and
Canadian
requirements
CAN/CSA
C22.2
No. 60950-1-03/UL60950-1, First Edition, based on
IEC 60950-1, First Edition, maximum working voltage
250Vrms,
Pollution
Degree
2,
supplementary
insulation.
UL File number E203175
Additionally, Profec Technologies certifies all
transformers as providing voltage isolation of
2.12kVrms, 3kV DC minimum.
All shipments are
supported by a Certificate of Conformity to current
applicable safety standards.
ETAL and P3921 are Trade Marks of Profec
Technologies Ltd.
The Trade Mark ETAL is registered at the UK
Trade Marks Registry.
Profec Technologies Ltd. is the owner of the
design right under the Copyright Designs and
Patents Act 1988 and no rights or licences are
hereby granted or implied to any third party.
© 2000 – 2004 Profec Technologies Ltd.
Reproduction prohibited.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001
E203175



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com