Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRQ73-1R0-R Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # DRQ73-1R0-R
Description  Dual Winding, Shielded Inductors/Transformer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DRQ73-1R0-R Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

  DRQ73-1R0-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DRQ73-1R0-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DRQ73-1R0-R Datasheet HTML 3Page - Cooper Bussmann, Inc. DRQ73-1R0-R Datasheet HTML 4Page - Cooper Bussmann, Inc. DRQ73-1R0-R Datasheet HTML 5Page - Cooper Bussmann, Inc. DRQ73-1R0-R Datasheet HTML 6Page - Cooper Bussmann, Inc. DRQ73-1R0-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1207
BU-SB07326
Page 6 of 7
Data Sheet 4311
SECTION A-A
A
A
Ko
Bo
Bo
2.00 ±0.1
0.1
4.00
Ø1.50 +0.1/-0.0
Ao
16.00
±
0.3
0.3
7.50±0.1
1.75±0.10
Ø1.50 Min.
12.00
12.00
DRQ74 Series
Supplied in tape and reel packaging,
1100 parts per reel, 13" diameter reel.
A
A
SECTION A-A
K0
1.5 dia
+0.1/-0.0
1.5 dia
min
4.0
2.0
16.00
1.7
11.5
11.5
24.0
+/-0.3
+/-0.3
B0
B0
A0
DRQ125 Series
Supplied in tape and reel packaging,
600 parts per reel, 13" diameter reel.
A
A
SECTION A-A
R0.3 max.
R0.5 TYP.
K0
1.5 dia
+0.1/-0.0
1.5 dia
min
4.0
2.0
20.00
1.7
11.5
11.5
24.0
+/-0.3
+/-0.3
B0
B0
A0
DRQ127 Series
Supplied in tape and reel packaging,
350 parts per reel, 13" diameter reel.
Packaging Information
DRQ73 Series
Supplied in tape and reel packaging,
1350 parts per reel, 13" diameter reel.
Dimensions are in millimeters.
Direction of Feed
©
Direction of Feed
©
Direction of Feed
©
Direction of Feed
©
Ao=7.90mm
Bo=7.90mm
Ko=3.80mm
Ao=7.90mm
Bo=7.90mm
Ko=4.70mm
Ao=13.00mm
Bo=13.00mm
Ko=6.30mm
Ao=13.00mm
Bo=13.00mm
Ko=8.30mm
ACTUAL SIZE
DRQ73
ACTUAL SIZE
DRQ74
ACTUAL SIZE
DRQ125
ACTUAL SIZE
DRQ127



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com