Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRQ73-1R0-R Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # DRQ73-1R0-R
Description  Dual Winding, Shielded Inductors/Transformer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DRQ73-1R0-R Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  DRQ73-1R0-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DRQ73-1R0-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DRQ73-1R0-R Datasheet HTML 3Page - Cooper Bussmann, Inc. DRQ73-1R0-R Datasheet HTML 4Page - Cooper Bussmann, Inc. DRQ73-1R0-R Datasheet HTML 5Page - Cooper Bussmann, Inc. DRQ73-1R0-R Datasheet HTML 6Page - Cooper Bussmann, Inc. DRQ73-1R0-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1207
BU-SB07326
Page 3 of 7
Data Sheet 4311
Parallel Ratings
Series Ratings
Part Number
Rated
OCL(1)
Irms(2)
Isat(3)
DCR Ω
(4)
Volt(5)
OCL(1)
Irms(2)
Isat(3)
DCR Ω
(4)
Volt(5)
Inductance
+/-20%
Amps
Amps
typ.
µ-Sec
+/-20%
Amps
Amps
typ.
µ-Sec
(µH)
(µH)
Peak
(µH)
Peak
DRQ125-820-R
82.0
86.89
2.05
2.39
0.128
43.7
347.6
1.03
1.20
0.515
87.4
DRQ125-101-R
100
102.7
1.78
2.20
0.170
47.5
410.8
0.892
1.10
0.682
95.0
DRQ125-151-R
150
151.1
1.48
1.81
0.248
57.6
604.4
0.739
0.905
0.991
115.2
DRQ125-221-R
220
216.8
1.19
1.51
0.384
69.0
867.2
0.594
0.755
1.54
138
DRQ125-331-R
330
332.6
1.06
1.22
0.482
85.5
1330
0.530
0.610
1.93
171
DRQ125-471-R
470
473.1
0.87
1.02
0.718
102
1892
0.434
0.510
2.87
204
DRQ125-681-R
680
679.8
0.70
0.85
1.10
122
2719
0.350
0.425
4.42
244
DRQ125-821-R
820
828.0
0.60
0.77
1.49
135
3312
0.301
0.385
5.96
270
DRQ125-102-R
1000
1008
0.57
0.70
1.69
149
4032
0.283
0.350
6.76
298
DRQ127-R47-R
0.47
0.419
17.9
56.0
0.00195
3.50
1.676
8.94
28
0.0078
7.00
DRQ127-1R0-R
1.00
0.821
15.5
40.0
0.00261
4.90
3.284
7.74
20
0.0104
9.80
DRQ127-1R5-R
1.50
1.357
13.5
31.1
0.00341
6.30
5.428
6.77
15.6
0.0137
12.60
DRQ127-2R2-R
2.20
2.027
12.5
25.5
0.00373
7.70
8.108
6.23
12.7
0.0161
15.4
DRQ127-3R3-R
3.30
2.831
10.4
21.5
0.00567
9.10
11.32
5.23
10.8
0.0229
18.2
DRQ127-4R7-R
4.70
4.841
8.25
16.5
0.00917
11.9
19.36
4.13
8.24
0.0367
23.8
DRQ127-6R8-R
6.80
7.387
7.34
13.3
0.0116
14.7
29.55
3.67
6.67
0.0465
29.4
DRQ127-8R2-R
8.20
8.861
6.32
12.2
0.0157
16.1
35.44
3.16
6.09
0.0627
32.2
DRQ127-100-R
10.0
10.47
6.04
11.2
0.0172
17.5
41.88
3.02
5.60
0.0686
35.0
DRQ127-150-R
15.0
14.09
5.03
9.66
0.0247
20.3
56.36
2.51
4.83
0.0990
40.6
DRQ127-220-R
22.0
22.93
4.00
7.57
0.0391
25.9
91.72
2.00
3.78
0.157
51.8
DRQ127-330-R
33.0
33.92
3.23
6.22
0.0600
31.5
135.7
1.61
3.11
0.241
63.0
DRQ127-470-R
47.0
47.05
2.95
5.28
0.0719
37.1
188.2
1.47
2.64
0.288
74.2
DRQ127-680-R
68.0
66.48
2.44
4.44
0.105
44.1
265.9
1.22
2.22
0.421
88.2
DRQ127-820-R
82.0
79.75
2.09
4.06
0.143
48.3
319.0
1.04
2.03
0.573
96.6
DRQ127-101-R
100
99.31
1.96
3.64
0.163
53.9
397.2
0.980
1.82
0.653
107.8
DRQ127-151-R
150
144.9
1.59
3.01
0.247
65.1
579.6
0.796
1.51
0.989
130.2
DRQ127-221-R
220
221.5
1.29
2.43
0.376
80.5
886.0
0.645
1.22
1.50
161
DRQ127-331-R
330
323.6
1.04
2.01
0.574
97.3
1294
0.522
1.01
2.30
195
DRQ127-471-R
470
467.1
0.85
1.68
0.861
117
1868
0.427
0.838
3.44
234
DRQ127-681-R
680
676.7
0.76
1.39
1.08
141
2707
0.380
0.697
4.32
282
DRQ127-821-R
820
818.1
0.65
1.27
1.47
155
3272
0.325
0.633
5.88
310
DRQ127-102-R
1000
1005
0.61
1.14
1.66
172
4020
0.307
0.571
6.64
344
1) Open Circuit Inductance Test Parameters: 100kHz, 0.25 Vrms, 0.0 Adc
Parallel: (1,2 -4,3) Series: (1-4) tie (2-3)
2) RMS current for an approximate ∆T of 40°C without core loss. It is recommended that the
temperature of the part not exceed 125°C.
3) Peak current for approximately 30% roll-off at 20°C
4) DCR limits @ 20°C
5) Applied Volt-Time product (V-µS) across the inductor. This value represents the applied V-µS
at 100KHz necessary to generate a core loss equal to 10% of the total losses for a 40°C
temperature rise.
6) Turns Ratio (1:3):(2-4) 1:1
7) Part number definition: DRQxxx-yyy-R
DRQxxx = product code and size,
-yyy = inductance value in µH,
R = decimal point. If no R is present, third character = # of zeros
-R suffix = RoHS compliant



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com