Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRQ73-3R3-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # DRQ73-3R3-R
Description  Dual Winding, Shielded Inductors/Transformer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DRQ73-3R3-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  DRQ73-3R3-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 3Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 4Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 5Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 6Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DRQ Series
Dual Winding, Shielded Inductors/Transformer
1207
BU-SB07326
Page 1 of 7
Data Sheet 4311
Description
• 125°C maximum total operating temperature
• Dual winding inductors that can be used as either
a single inductor, or in coupled inductor/transformer applications
(1:1 turns ratio)
• Four sizes of shielded drum core inductors
• Windings can be connected in series or parallel, offering a broad
range of inductance and current ratings
• Peak current ratings from 0.13 amps to 56 amps
• RMS current ratings from 0.128 amps to 17.9 amps
• Inductance ratings from 0.33µH to 4.02mH
• Surface Mount
• 200Vac Isolation between windings
• Ferrite core material
Applications
• As a transformer: SEPIC, flyback
• As an inductor: buck, boost, coupled inductor
• DC-DC converters
• VRM inductor for CPU and DDR power supplies
• Input and output filter chokes
Environmental Data
• Storage temperature: -40°C to +125°C
• Operating temperature: -40°C to +125°C (range is application
specific).
• Solder reflow temperature: 260°C max. for 10 seconds max.
Packaging
• Supplied in tape and reel packaging, 1350 (DRQ73),
1100 (DRQ74), 600 (DRQ125), and 350 (DRQ127) per reel
Parallel Ratings
Series Ratings
Part Number
Rated
OCL(1)
Irms(2)
Isat(3)
DCR Ω
(4)
Volt(5)
OCL(1)
Irms(2)
Isat(3)
DCR Ω
(4)
Volt(5)
Inductance
+/-20%
Amps
Amps
typ.
µ-Sec
+/-20%
Amps
Amps
typ.
µ-Sec
(µH)
(µH)
Peak
(µH)
Peak
DRQ73-R33-R
0.33
0.306
6.19
14.4
0.0074
1.98
1.224
3.10
7.18
0.0296
3.96
DRQ73-1R0-R
1.00
0.992
5.25
7.97
0.0103
3.56
3.968
2.63
3.99
0.0411
7.12
DRQ73-1R5-R
1.50
1.482
4.64
6.52
0.0132
4.36
5.928
2.32
3.26
0.0527
8.72
DRQ73-2R2-R
2.20
2.070
4.11
5.52
0.0167
5.15
8.280
2.06
2.76
0.0669
10.3
DRQ73-3R3-R
3.30
3.540
3.31
4.22
0.0259
6.73
14.16
1.66
2.11
0.1035
13.5
DRQ73-4R7-R
4.70
4.422
3.09
3.78
0.0297
7.52
17.69
1.55
1.89
0.1188
15.0
DRQ73-6R8-R
6.80
6.480
2.55
3.12
0.0435
9.11
25.92
1.28
1.56
0.1742
18.2
DRQ73-8R2-R
8.20
8.930
2.19
2.66
0.0592
10.7
35.72
1.10
1.33
0.2368
21.4
DRQ73-100-R
10.0
10.30
2.08
2.47
0.0656
11.5
41.20
1.04
1.24
0.2623
23.0
DRQ73-150-R
15.0
15.01
1.83
2.05
0.0844
13.9
60.04
0.916
1.03
0.339
27.8
DRQ73-220-R
22.0
22.65
1.62
1.67
0.107
17.0
90.60
0.811
0.83
0.429
34.0
DRQ73-330-R
33.0
34.41
1.31
1.35
0.166
21.0
137.6
0.653
0.68
0.665
42.0
DRQ73-470-R
47.0
48.62
1.08
1.14
0.241
24.9
194.5
0.542
0.57
0.965
49.8
DRQ73-680-R
68.0
68.91
0.89
0.96
0.358
29.7
275.6
0.444
0.48
1.43
59.4
DRQ73-820-R
82.0
80.37
0.86
0.89
0.384
32.1
321.5
0.430
0.44
1.54
64.2
DRQ73-101-R
100
101.4
0.73
0.79
0.527
36.0
405.6
0.367
0.39
2.11
72.0
1) Open Circuit Inductance Test Parameters: 100kHz, 0.25 Vrms, 0.0 Adc
Parallel: (1,2 -4,3) Series: (1-4) tie (2-3)
2) RMS current for an approximate ∆T of 40°C without core loss. It is recommended that the
temperature of the part not exceed 125°C.
3) Peak current for approximately 30% roll-off at 20°C
4) DCR limits @ 20°C
5) Applied Volt-Time product (V-µS) across the inductor. This value represents the applied V-µS
at 100KHz necessary to generate a core loss equal to 10% of the total losses for a 40°C
temperature rise.
6) Turns Ratio (1:3):(2-4) 1:1
7) Part number definition: DRQxxx-yyy-R
DRQxxx = product code and size,
-yyy = inductance value in µH,
R = decimal point. If no R is present, third character = # of zeros
-R suffix = RoHS compliant


Similar Part No. - DRQ73-3R3-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
DRQ73-3R3-R EATON-DRQ73-3R3-R Datasheet
918Kb / 10P
Dual winding, high power density, shielded drum core power inductors
DRQ73-3R3-R EATON-DRQ73-3R3-R Datasheet
1Mb / 12P
Dual winding, shielded inductors/transformers
December 2007
More results

Similar Description - DRQ73-3R3-R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF0703 BOURNS-SRF0703 Datasheet
376Kb / 2P
Dual-Winding Shielded Power Inductors
SRF0703-100M BOURNS-SRF0703-100M_12 Datasheet
376Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260 BOURNS-SRF1260_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260A BOURNS-SRF1260A Datasheet
445Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
logo
Accetek Electronics (Sh...
2MA ACCETEK-2MA Datasheet
321Kb / 7P
Dual Winding Shielded Inductor/Transformer
logo
Bourns Electronic Solut...
SRF1280A-R47Y BOURNS-SRF1280A-R47Y Datasheet
479Kb / 3P
Dual-Winding Shielded Power Inductors
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
467Kb / 3P
Dual-Winding Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com