Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRQ73-3R3-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # DRQ73-3R3-R
Description  Dual Winding, Shielded Inductors/Transformer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DRQ73-3R3-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  DRQ73-3R3-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 3Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 4Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 5Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 6Page - Cooper Bussmann, Inc. DRQ73-3R3-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1207
BU-SB07326
Page 2 of 7
Data Sheet 4311
Parallel Ratings
Series Ratings
Part Number
Rated
OCL(1)
Irms(2)
Isat(3)
DCR Ω
(4)
Volt(5)
OCL(1)
Irms(2)
Isat(3)
DCR Ω
(4)
Volt(5)
Inductance
+/-20%
Amps
Amps
typ.
µ-Sec
+/-20%
Amps
Amps
typ.
µ-Sec
(µH)
(µH)
Peak
(µH)
Peak
DRQ73-151-R
150
150.9
0.58
0.65
0.851
44.0
603.6
0.289
0.32
3.41
88.0
DRQ73-221-R
220
223.3
0.52
0.53
1.05
53.5
893.2
0.260
0.27
4.20
107
DRQ73-331-R
330
325.5
0.42
0.44
1.59
64.5
1302
0.211
0.22
6.36
129
DRQ73-471-R
470
465.8
0.35
0.37
2.36
77.2
1863
0.173
0.18
9.44
154
DRQ73-681-R
680
676.5
0.29
0.31
3.47
93.1
2706
0.143
0.15
13.88
186
DRQ73-821-R
820
821.7
0.27
0.28
3.93
103
3287
0.134
0.14
15.72
206
DRQ73-102-R
1000
995.0
0.26
0.25
4.34
113
3980
0.128
0.13
17.36
226
DRQ74-R33-R
0.33
0.294
6.20
18.4
0.0074
1.71
1.176
3.10
9.18
0.0295
3.42
DRQ74-1R0-R
1.00
0.952
5.33
10.2
0.0100
3.08
3.808
2.66
5.10
0.0400
6.16
DRQ74-1R5-R
1.50
1.422
4.96
8.35
0.0115
3.76
5.688
2.48
4.17
0.0461
7.52
DRQ74-2R2-R
2.20
1.986
4.66
7.06
0.0130
4.45
7.944
2.33
3.53
0.0521
8.9
DRQ74-3R3-R
3.30
3.396
3.94
5.40
0.0183
5.81
13.58
1.97
2.70
0.0732
11.6
DRQ74-4R7-R
4.70
5.182
3.34
4.37
0.0254
7.18
20.73
1.67
2.19
0.102
14.4
DRQ74-6R8-R
6.80
7.344
2.60
3.67
0.0418
8.55
29.38
1.30
1.84
0.167
17.1
DRQ74-8R2-R
8.20
8.566
2.53
3.40
0.0441
9.23
34.26
1.27
1.70
0.177
18.5
DRQ74-100-R
10.0
9.882
2.41
3.17
0.0489
9.92
39.53
1.20
1.58
0.196
19.8
DRQ74-150-R
15.0
16.09
2.11
2.48
0.0637
12.7
64.36
1.05
1.24
0.255
25.4
DRQ74-220-R
22.0
21.73
1.75
2.13
0.0925
14.7
86.92
0.874
1.07
0.371
29.4
DRQ74-330-R
33.0
33.01
1.41
1.73
0.143
18.1
132.0
0.702
0.87
0.574
36.2
DRQ74-470-R
47.0
49.64
1.15
1.41
0.216
22.2
198.6
0.573
0.71
0.865
44.4
DRQ74-680-R
68.0
69.67
1.03
1.19
0.265
26.3
278.7
0.517
0.60
1.06
52.6
DRQ74-820-R
82.0
80.95
0.91
1.11
0.345
28.4
323.8
0.453
0.55
1.38
56.8
DRQ74-101-R
100
101.6
0.86
0.99
0.383
31.8
406.4
0.430
0.49
1.53
63.6
DRQ74-151-R
150
150.0
0.69
0.81
0.591
38.6
600.0
0.346
0.41
2.37
77.2
DRQ74-221-R
220
227.0
0.56
0.66
0.907
47.5
908.0
0.279
0.33
3.63
95
DRQ74-331-R
330
335.6
0.45
0.54
1.41
57.8
1342
0.224
0.27
5.66
116
DRQ74-471-R
470
465.3
0.40
0.46
1.74
68.1
1861
0.202
0.23
6.97
136
DRQ74-681-R
680
671.2
0.33
0.38
2.58
81.7
2685
0.166
0.19
10.3
163
DRQ74-821-R
820
812.7
0.31
0.35
2.93
89.9
3251
0.156
0.17
11.7
180
DRQ74-102-R
1000
1009
0.27
0.31
3.89
100
4036
0.135
0.16
15.6
200
DRQ125-R47-R
0.47
0.456
17.6
33.0
0.0018
3.17
1.824
8.80
16.5
0.0078
6.34
DRQ125-1R0-R
1.00
0.894
15.0
23.6
0.0024
4.43
3.576
7.51
11.8
0.0096
8.86
DRQ125-1R5-R
1.50
1.478
13.8
18.3
0.0029
5.70
5.912
6.89
9.15
0.0114
11.40
DRQ125-2R2-R
2.20
2.208
10.9
15.0
0.0045
6.97
8.832
5.46
7.50
0.0182
13.9
DRQ125-3R3-R
3.30
3.084
9.26
12.7
0.0063
8.23
12.34
4.63
6.35
0.0253
16.5
DRQ125-4R7-R
4.70
5.274
7.18
9.71
0.0105
10.8
21.10
3.59
4.86
0.0420
21.6
DRQ125-6R8-R
6.80
6.588
6.64
8.68
0.0123
12.0
26.35
3.32
4.34
0.0492
24.0
DRQ125-8R2-R
8.20
8.048
5.54
7.86
0.0176
13.3
32.19
2.77
3.93
0.0705
26.6
DRQ125-100-R
10.0
9.654
5.35
7.17
0.0189
14.6
38.62
2.67
3.59
0.0757
29.2
DRQ125-150-R
15.0
15.35
4.27
5.69
0.0298
18.4
61.40
2.13
2.85
0.120
36.8
DRQ125-220-R
22.0
22.36
3.70
4.71
0.0396
22.2
89.44
1.84
2.36
0.159
44.4
DRQ125-330-R
33.0
33.74
3.28
3.84
0.0505
27.2
135.0
1.64
1.92
0.203
54.4
DRQ125-470-R
47.0
47.47
2.71
3.24
0.0740
32.3
189.9
1.35
1.62
0.297
64.6
DRQ125-680-R
68.0
67.91
2.22
2.70
0.101
38.6
271.6
1.11
1.35
0.440
77.2
1) Open Circuit Inductance Test Parameters: 100kHz, 0.25 Vrms, 0.0 Adc
Parallel: (1,2 -4,3) Series: (1-4) tie (2-3)
2) RMS current for an approximate ∆T of 40°C without core loss. It is recommended that the
temperature of the part not exceed 125°C.
3) Peak current for approximately 30% roll-off at 20°C
4) DCR limits @ 20°C
5) Applied Volt-Time product (V-µS) across the inductor. This value represents the applied V-µS
at 100KHz necessary to generate a core loss equal to 10% of the total losses for a 40°C
temperature rise.
6) Turns Ratio (1:3):(2-4) 1:1
7) Part number definition: DRQxxx-yyy-R
DRQxxx = product code and size,
-yyy = inductance value in µH,
R = decimal point. If no R is present, third character = # of zeros
-R suffix = RoHS compliant



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com