Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS20009-B Datasheet(PDF) 8 Page - JDS Uniphase Corporation

Part # SWS20009-B
Description  Swept Wavelength System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SWS20009-B Datasheet(HTML) 8 Page - JDS Uniphase Corporation

  SWS20009-B Datasheet HTML 1Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 2Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 3Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 4Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 5Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 6Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 7Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NORTH AMERICA
TEL
: 1 866 228 3762
FAX
: +1 301 353 9216
Test & Measurement Regional Sales
LATIN AMERICA
TEL
: +55 11 5503 3800
FAX
: +55 11 5505 1598
ASIA PACIFIC
TEL
: +852 2892 0990
FAX
: +852 2892 0770
EMEA
TEL
: +49 7121 86 2222
FAX
: +49 7121 86 1222
WEBSITE
: www.jdsu.com
SWEPT WAVELENGTH SYSTEM (SWS-OMNI EXPANSION SERIES)
Specifications
1. Measurement resolution is defined as the smallest shift in wavelength that can be detected using the analysis function.
2. Measured using SWS-OMNI transmitter under optimal power output.
3. Polarization state averaged.
4. Maximum deviation from NIST standard reference 2524.
5. Indicated uncertainty at 99.7% confidence level (3
σ).
6. Theoretically no upper limit.
7. Based on the measurement of NIST standard reference 2518 (Mode-coupled PMD artifact, wavelength range 1520.5 to 1568.5 nm, DGD ~ 329 fs).
Parameter
Specification
Wavelength
Measurement range C+L-band
1520 to 1630 nm
Wavelength span
110 nm
Absolute accuracy
± 2 pm
Wavelength sampling resolution
3 pm
Measurement resolution1
1 pm
Insertion loss (IL)2, 3
Dynamic range
45 dB
Accuracy
(0 to < 5 dB)
± 0.05 dB
(5 to < 25 dB)
± 0.10 dB
(25 to 45 dB)
± 0.25 dB
Resolution
0.01 dB
Group delay2, 3
Dynamic range
20 dB
Accuracy (at < 10 dB IL)4
1.5 % typical
Uncertainty5
See attached performance curves
Modulation frequency6
192 MHz or greater
Maximum slope
800 ns/nm
Polarization dependent loss (PDL)2
Dynamic range
45 dB
Accuracy (0 to < 10 dB)
± 0.05 dB
Resolution
0.01 dB
Differential group delay2
Dynamic range
20 dB
DGD uncertainty5
See performance curves below
Polarization mode dispersion (PMD) accuracy (typical)7
± 0.02 ps
SWS-OMNI
SWS17101
C+L-band Tunable Laser
SWS20010-A-2
Dual output integrated source optic module (SOM) - OMNI version
SWS20009-A
SWS-OMNI Dual Channel Receiver: PCI kit included
SWS20009-B
SWS-OMNI Dual Channel Receiver: computer and PCI kit included
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 10109651 008 0507
SWS2000.DS.FOPLT.TM.AE
Ordering Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com