Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWS20009-B Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # SWS20009-B
Description  Swept Wavelength System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SWS20009-B Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  SWS20009-B Datasheet HTML 1Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 2Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 3Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 4Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 5Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 6Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 7Page - JDS Uniphase Corporation SWS20009-B Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
COMMUNICATIONS TEST & MEASUREMENT
WEBSITE
: www.jdsu.com
Key Features
• Scalable architecture - add more stations any time
• ± 0.002 nm absolute wavelength accuracy
• Up to 128 detector channels available per station
• Remote source laser can be shared by up to 8 workstations
• High speed scanning (user controllable) up to 40 nm/s
• Flexible easy-to-use software
• Customized applications through dynamic link libraries (DLLs)
• 24/7 service and support
The Swept Wavelength System SWS2000 series remains the industry standard
solution for measuring insertion loss (IL), polarization dependent loss (PDL),
return loss (RL) and directivity with high wavelength resolution in both research
and development (R&D) and production environments. Currently used at more
than 80 customer sites, with over 8500 detector channels deployed, the SWS test
platform validates optical performance for the latest in optical components and
modules including: ROADMs, Wavelength Switches, Tunable Filters and Circuit
Packs. The SWS system consists of a tunable laser source, a source optics module
(SOM), a control module, a receiver chassis, one or more detector modules and
application software.
With a ± 0.002 nm absolute wavelength accuracy over the entire 1520 to
1630 nm range, a high sweep speed of 40 nm/s, and a deep dynamic range of
> 70 dB, the SWS2000 provides excellent performance combined with a low cost
of ownership; the distributed architecture supports up to eight separate,
individually controlled measurement stations per source laser. Often purchased
initially as an R&D tool, this scalability in the number of measurement stations
provides customers the flexibility to transition the equipment from R&D to production.
Upgrade packages from legacy SWS systems to the SWS2000 platform are
available to ensure that existing SWS users receive the maximum benefit from
their existing capital infrastructure.
Swept Wavelength System
SWS2000 Series
Applications
• Optical component and module
characterization in both R&D and
manufacturing environments
- ROADMs, Wavelength Switches,
Wavelength Blockers
- Circuit Packs
- Dense wavelength division
multiplexing (DWDM)
- Tunable Filters, Couplers,
Splitters, Switches, Attenuators,
Fiber Bragg Gratings (FBGs),
Interleavers, Dichroic Filters
- Micro-Electro-Mechanical
Systems (MEMS) and
Waveguide Devices
- Complies with IEC 61300-3-29,
IEC 61300-3-12
Safety Information
• Complies to CE requirements plus
UL3101.1 and CAN/CSA - C22.2 No.
1010.1. The laser source in the
Source Optics Module (SWS20010)
is a class 1. The Tunable Laser Source
(SWS17101) is a class 3B laser. Both
are classified per IEC standard
60825-1(2002) and comply with
21CFR1040.10 except deviations
per Laser Notice No. 50, July 2001.


Similar Part No. - SWS20009-B

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SWS212 SUNTSU-SWS212 Datasheet
402Kb / 2P
Ceramic SMT 2 Pad Watch Crystal
SWS21212D16 SUNTSU-SWS21212D16 Datasheet
402Kb / 2P
Ceramic SMT 2 Pad Watch Crystal
SWS21212D27 SUNTSU-SWS21212D27 Datasheet
402Kb / 2P
Ceramic SMT 2 Pad Watch Crystal
SWS21212D48 SUNTSU-SWS21212D48 Datasheet
402Kb / 2P
Ceramic SMT 2 Pad Watch Crystal
SWS21212D48-32.768K SUNTSU-SWS21212D48-32.768K Datasheet
402Kb / 2P
Ceramic SMT 2 Pad Watch Crystal
More results

Similar Description - SWS20009-B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
SIR67-21C EVERLIGHT-SIR67-21C Datasheet
330Kb / 9P
Peak wavelength=875nm
logo
Winchester Electronics ...
1206-43-22 WINCHESTER-1206-43-22 Datasheet
86Kb / 1P
A PLUG, 90 DEC, SWEPT
logo
Roithner LaserTechnik G...
QL78D6S-ABC ROITHNER-QL78D6S-ABC Datasheet
211Kb / 3P
lasing wavelength
RLA4116 ROITHNER-RLA4116 Datasheet
1Mb / 3P
peak wavelength
logo
KODENSHI_AUK CORP.
KEL5002A KODENSHI-KEL5002A Datasheet
194Kb / 3P
940nm wavelength
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
Infra-Red Wavelength
logo
KODENSHI_AUK CORP.
EL341M KODENSHI-EL341M Datasheet
154Kb / 3P
peak wavelength 940nm
EL342M KODENSHI-EL342M Datasheet
147Kb / 3P
peak wavelength 940nm
ML341H KODENSHI-ML341H Datasheet
155Kb / 3P
peak wavelength 870nm
logo
Amphenol SV Microwave
3222-40060 SVMICROWAVE-3222-40060 Datasheet
106Kb / 1P
THREADED SMPM FEMALE EXTENDED SWEPT R/A FOR Ø.047 CABLE
08/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com