Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-9LW Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # PPC-9LW
Description  4 V Photovoltaic Power Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

PPC-9LW Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  PPC-9LW Datasheet HTML 1Page - JDS Uniphase Corporation PPC-9LW Datasheet HTML 2Page - JDS Uniphase Corporation PPC-9LW Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PPC-9LW at 2 Light Input Levels
2
PPC-9LW
(Pin orientation may vary. Specifications in mm unless otherwise noted. All dimensions
tolerance ±250 µ)
FC Housing
Epoxy
Optimum Load Resistance for PPC-9LW
10
9
8
7
6
5
4
3
2
1
0
30
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Voltage (V)
50mW
100mW
Light Input (mW)
0
50
100
150
200
250
300
1200
1000
800
600
400
200
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com